Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC39101-1.8BM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC39101-1.8BM
Description  1A Low-Voltage Low-Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39101-1.8BM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC39101-1.8BM Datasheet HTML 4Page - Micrel Semiconductor MIC39101-1.8BM Datasheet HTML 5Page - Micrel Semiconductor MIC39101-1.8BM Datasheet HTML 6Page - Micrel Semiconductor MIC39101-1.8BM Datasheet HTML 7Page - Micrel Semiconductor MIC39101-1.8BM Datasheet HTML 8Page - Micrel Semiconductor MIC39101-1.8BM Datasheet HTML 9Page - Micrel Semiconductor MIC39101-1.8BM Datasheet HTML 10Page - Micrel Semiconductor MIC39101-1.8BM Datasheet HTML 11Page - Micrel Semiconductor MIC39101-1.8BM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
August 2005
11
M9999-082505-B
MIC39100/39101/39102
Micrel
ΔT = TJ(max) – TA(max)
TJ(max) = 125°C
TA(max) = maximum ambient operating temperature
For example, the maximum ambient temperature is 50°C,
the ΔT is determined as follows:
ΔT = 125°C – 50°C
ΔT = 75°C
Using Figure 4, the minimum amount of required copper can
bedeterminedbasedontherequiredpowerdissipation.Power
dissipation in a linear regulator is calculated as follows:
PD = (VIN – VOUT) IOUT + VIN·IGND
If we use a 2.5V output device and a 3.3V input at an output
current of 1A, then our power dissipation is as follows:
PD = (3.3V – 2.5V) × 1A + 3.3V × 11mA
PD = 800mW + 36mW
PD = 836mW
From Figure 4, the minimum amount of copper required to
operate this application at a ΔT of 75°C is 160mm2.
Quick Method
Determine the power dissipation requirements for the design
along with the maximum ambient temperature at which the
device will be operated. Refer to Figure 5, which shows safe
operating curves for three different ambient temperatures:
25°C, 50°C and 85°C. From these curves, the minimum
amount of copper can be determined by knowing the maxi-
mum power dissipation required. If the maximum ambient
temperature is 50°C and the power dissipation is as above,
836mW, the curve in Figure 5 shows that the required area
of copper is 160mm2.
The θJA of this package is ideally 63°C/W, but it will vary
depending upon the availability of copper ground plane to
which it is attached.


Similar Part No. - MIC39101-1.8BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39101-1.8BM MICREL-MIC39101-1.8BM Datasheet
102Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
More results

Similar Description - MIC39101-1.8BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
102Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM37101 HTC-LM37101 Datasheet
435Kb / 11P
   1A Low-Voltage Low-Dropout Regulator
LM39100 HTC-LM39100 Datasheet
325Kb / 9P
   1A Low-Voltage Low-Dropout Regulator
logo
Unisonic Technologies
LM39102 UTC-LM39102_17 Datasheet
169Kb / 5P
   1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com