Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC37301-1.5BR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC37301-1.5BR
Description  3.0A, Low-Voltage 關Cap LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37301-1.5BR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC37301-1.5BR Datasheet HTML 5Page - Micrel Semiconductor MIC37301-1.5BR Datasheet HTML 6Page - Micrel Semiconductor MIC37301-1.5BR Datasheet HTML 7Page - Micrel Semiconductor MIC37301-1.5BR Datasheet HTML 8Page - Micrel Semiconductor MIC37301-1.5BR Datasheet HTML 9Page - Micrel Semiconductor MIC37301-1.5BR Datasheet HTML 10Page - Micrel Semiconductor MIC37301-1.5BR Datasheet HTML 11Page - Micrel Semiconductor MIC37301-1.5BR Datasheet HTML 12Page - Micrel Semiconductor MIC37301-1.5BR Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Micrel, Inc.
MIC37300/01/02/03
October 2009
10
M9999-102909
Transient Response and 3.3V to 2.5V, 2.5V to 1.8V
or 1.65V, or 2.5V to 1.5V Conversions
The MIC37300/01/02/03 has excellent transient
response to variations in input voltage and load
current. The device has been designed to respond
quickly to load current variations and input voltage
variations. Large output capacitors are not required to
obtain this performance. A standard 47µF output
capacitor, preferably tantalum, is all that is required.
Larger values help to improve performance even
further.
By virtue of its low-dropout voltage, this device does
not saturate into dropout as readily as similar NPN-
based designs. When converting from 3.3V to 2.5V,
2.5V to 1.8V or 1.65V, or 2.5V to 1.5V, the NPN-
based regulators are already operating in dropout,
with typical dropout requirements of 1.2V or greater.
To convert down to 2.5V without operating in dropout,
NPN-based regulators require an input voltage of 3.7V
at the very least. The MIC37300/01/02/03 regulator
will provide excellent performance with an input as low
as 3.0V or 2.25V, respectively. This gives the PNP-
based regulators a distinct advantage over older,
NPN-based linear regulators.
Minimum Load Current
The
MIC37300/01/02/03
regulator
is
specified
between finite loads. If the output current is too small,
leakage currents dominate and the output voltage
rises. A 10mA minimum load current is necessary for
proper operation.
Error Flag
The MIC37301 and MIC37303 feature an error flag
circuit that monitors the output voltage and signals an
error condition when the voltage is 5% below the
nominal output voltage. The error flag is an open-
collector output that can sink 10mA during a fault
condition.
Low output voltage can be caused by a number of
problems, including an overcurrent fault (device in
current limit) or low input voltage. The flag is
inoperative during overtemperature shutdown.
Enable Input
The MIC37301/02/03 also features an enable input for
on/off control of the device. Its shutdown state draws
“zero” current (only microamperes of leakage). The
enable input is TTL/CMOS compatible for simple logic
interface, but can be connected up to VIN. When
enabled, it draws approximately 15µA.
Adjustable Regulator Design
IN
R1
VOUT
VIN
COUT
R2
EN
OUT
ADJ
GND
MIC37302
ENABLE
SHUTDOWN
V
1.240V 1
R1
R2
OUT =+
⎝⎜
⎠⎟
Figure 1. Adjustable Regulator with Resistors
The MIC37302 and MIC37303 allow programming the
output voltage any-where between 1.24V and the
5.5V maximum operating rating of the family. Two
resistors are used. Resistors can be quite large, up to
1MΩ, because of the very high input impedance and
low bias current of the sense comparator. The resistor
values are calculated by:
⎟⎟
⎜⎜
=
1
1.240
V
R2
R1
OUT
Where VOUT is the desired output voltage. Figure 1
shows component definition. Applications with widely
varying load currents may scale the resistors to draw
the minimum load current required for proper
operation (see above).


Similar Part No. - MIC37301-1.5BR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37301-1.5BR MICREL-MIC37301-1.5BR Datasheet
164Kb / 12P
   3.0A, LOW VOLTAGE UCAP LDO REGULATOR
More results

Similar Description - MIC37301-1.5BR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
   2.5A, Low Voltage 關Cap LDO Regulator
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37139 MICREL-MIC37139_09 Datasheet
747Kb / 10P
   1.5A, Low-Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
   3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
   High Input Voltage Low IQ 關Cap LDO Regulator
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
   High Input Voltage Low IQ 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com