Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC37300-2.5BR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC37300-2.5BR
Description  3.0A, Low-Voltage 關Cap LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37300-2.5BR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC37300-2.5BR Datasheet HTML 3Page - Micrel Semiconductor MIC37300-2.5BR Datasheet HTML 4Page - Micrel Semiconductor MIC37300-2.5BR Datasheet HTML 5Page - Micrel Semiconductor MIC37300-2.5BR Datasheet HTML 6Page - Micrel Semiconductor MIC37300-2.5BR Datasheet HTML 7Page - Micrel Semiconductor MIC37300-2.5BR Datasheet HTML 8Page - Micrel Semiconductor MIC37300-2.5BR Datasheet HTML 9Page - Micrel Semiconductor MIC37300-2.5BR Datasheet HTML 10Page - Micrel Semiconductor MIC37300-2.5BR Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Micrel, Inc.
MIC37300/01/02/03
October 2009
7
M9999-102909
Typical Characteristics (continued)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
01
23
45
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage (3.3V)
100mA
10mA
0
10
20
30
40
50
60
70
01234
5
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage (3.3V)
3A
2A
1A
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
Ground Current
vs. Temperature
IOUT =10mA
2.5VOUT
0
2
4
6
8
10
12
14
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
Ground Current
vs. Temperature
IOUT =1.5A
2.5VOUT
0
5
10
15
20
25
30
35
40
45
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
Ground Current
vs. Temperature
IOUT =3A
2.5VOUT
2.4
2.45
2.5
2.55
2.6
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
Output Voltage
vs. Temperature
2.5VOUT
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
2.25
3
3.75
4.5
5.25
6
SUPPLY VOLTAGE (V)
Short-Circuit Current
vs. Supply Voltage
0
1
2
3
4
5
6
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
Short-Circuit Current
vs. Temperature
2.5VIN
0
0.2
0.4
0.6
0.8
1.0
0 0.5 1 1.5 2 2.5 3 3.5 4
FLAG CURRENT (mA)
Flag Voltage
vs. Flag Current
5V
IN
3.3V
IN
2.5V
IN
0
50
100
150
200
250
300
350
400
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
Flag Low Voltage
vs. Temperature
Flag Current = 250µA
0
1
2
3
4
5
6
0.01 0.1
1
10
100 1000 10000
Error Flag Pull-Up Resistor
Flag Low (FAULT)
Flag High (OK)
VIN =5V
0
2
4
6
8
10
12
14
16
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
Enable Current
vs. Temperature
2.5VEN


Similar Part No. - MIC37300-2.5BR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37300-2.5BR MICREL-MIC37300-2.5BR Datasheet
164Kb / 12P
   3.0A, LOW VOLTAGE UCAP LDO REGULATOR
More results

Similar Description - MIC37300-2.5BR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
   2.5A, Low Voltage 關Cap LDO Regulator
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37139 MICREL-MIC37139_09 Datasheet
747Kb / 10P
   1.5A, Low-Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
   3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
   High Input Voltage Low IQ 關Cap LDO Regulator
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
   High Input Voltage Low IQ 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com