Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC39102 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC39102
Description  1A Low-Voltage Low-Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39102 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC39102 Datasheet HTML 1Page - Micrel Semiconductor MIC39102 Datasheet HTML 2Page - Micrel Semiconductor MIC39102 Datasheet HTML 3Page - Micrel Semiconductor MIC39102 Datasheet HTML 4Page - Micrel Semiconductor MIC39102 Datasheet HTML 5Page - Micrel Semiconductor MIC39102 Datasheet HTML 6Page - Micrel Semiconductor MIC39102 Datasheet HTML 7Page - Micrel Semiconductor MIC39102 Datasheet HTML 8Page - Micrel Semiconductor MIC39102 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2005
1
M9999-082505-B
MIC39100/39101/39102
Micrel
MIC39100/39101/39102
1A Low-Voltage Low-Dropout Regulator
General Description
TheMIC39100,MIC39101,andMIC39102are1Alow-dropout
linearvoltageregulatorsthatprovidelow-voltage,high-current
outputfromanextremelysmallpackage.UtilizingMicrel’spro-
prietary Super βeta PNP™ pass element, the MIC39100/1/2
offers extremely low dropout (typically 410mV at 1A) and low
ground current (typically 11mA at 1A).
The MIC39100 is a fixed output regulator offered in the
SOT-223 package. The MIC39101 and MIC39102 are fixed
and adjustable regulators, respectively, in a thermally en-
hanced power 8-lead SOIC package.
The MIC39100/1/2 is ideal for PC add-in cards that need to
convert from standard 5V to 3.3V, 3.3V to 2.5V or 2.5V to
1.8V.Aguaranteed maximum dropout voltage of 630mV over
all operating conditions allows the MIC39100/1/2 to provide
2.5V from a supply as low as 3.13V and 1.8V from a supply
as low as 2.43V.
The MIC39100/1/2 is fully protected with overcurrent limit-
ing, thermal shutdown, and reversed-battery protection.
Fixed voltages of 5.0V, 3.3V, 2.5V, and 1.8V are available
on MIC39100/1 with adjustable output voltages to 1.24V on
MIC39102.
For other voltages, contact Micrel.
Typical Applications
Features
• Fixed and adjustable output voltages to 1.24V
• 410mV typical dropout at 1A
Ideal for 3.0V to 2.5V conversion
Ideal for 2.5V to 1.8V conversion
• 1A minimum guaranteed output current
• 1% initial accuracy
• Low ground current
• Current limiting and thermal shutdown
• Reversed-battery protection
• Reversed-leakage protection
• Fast transient response
• Low-profile SOT-223 package
• Power SO-8 package
Applications
• LDO linear regulator for PC add-in cards
• PowerPC™ power supplies
• High-efficiency linear power supplies
• SMPS post regulator
• Multimedia and PC processor supplies
• Battery chargers
• Low-voltage microcontrollers and digital logic
Super βeta PNP is a trademark of Micrel, Inc.
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
IN
2.5V
VIN
3.3V
10µF
tantalum
OUT
GND
MIC39100
2.5V/1A Regulator
IN
R1
100k
2.5V
Error
Flag
Output
VIN
3.3V
10µF
tantalum
EN
OUT
FLG
GND
MIC39101
ENABLE
SHUTDOWN
2.5V/1A Regulator with Error Flag
IN
R1
1.5V
VIN
2.5V
10µF
tantalum
R2
EN
OUT
ADJ
GND
MIC39102
ENABLE
SHUTDOWN
1.5V/1A Adjustable Regulator


Similar Part No. - MIC39102

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39102BM MICREL-MIC39102BM Datasheet
102Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
More results

Similar Description - MIC39102

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
102Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM37101 HTC-LM37101 Datasheet
435Kb / 11P
   1A Low-Voltage Low-Dropout Regulator
LM39100 HTC-LM39100 Datasheet
325Kb / 9P
   1A Low-Voltage Low-Dropout Regulator
logo
Unisonic Technologies
LM39102 UTC-LM39102_17 Datasheet
169Kb / 5P
   1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com