Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC39100 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC39100
Description  1A Low-Voltage Low-Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39100 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC39100 Datasheet HTML 1Page - Micrel Semiconductor MIC39100 Datasheet HTML 2Page - Micrel Semiconductor MIC39100 Datasheet HTML 3Page - Micrel Semiconductor MIC39100 Datasheet HTML 4Page - Micrel Semiconductor MIC39100 Datasheet HTML 5Page - Micrel Semiconductor MIC39100 Datasheet HTML 6Page - Micrel Semiconductor MIC39100 Datasheet HTML 7Page - Micrel Semiconductor MIC39100 Datasheet HTML 8Page - Micrel Semiconductor MIC39100 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
August 2005
5
M9999-082505-B
MIC39100/39101/39102
Micrel
Typical Characteristics
0
20
40
60
80
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6
FREQUENCY (Hz)
P ower S upply
R ejection R atio
I
OUT = 1A
C
OUT = 10µF
C
IN = 0
V
IN = 5V
V
OUT = 3.3V
10
100
1k
10k
100k
1M
0
20
40
60
80
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6
FREQUENCY (Hz)
P ower S upply
R ejection R atio
I
OUT = 1A
C
OUT = 47µF
C
IN = 0
V
IN = 5V
V
OUT = 3.3V
10
100
1k
10k
100k
1M
0
20
40
60
80
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6
FREQUENCY (Hz)
P ower S upply
R ejection R atio
I
OUT = 1A
C
OUT = 10µF
C
IN = 0
V
IN = 3.3V
V
OUT = 2.5V
10
100
1k
10k
100k
1M
0
20
40
60
80
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6
FREQUENCY (Hz)
P ower S upply
R ejection R atio
I
OUT = 1A
C
OUT = 47µF
C
IN = 0
V
IN = 3.3V
V
OUT = 2.5V
10
100
1k
10k
100k
1M
0
50
100
150
200
250
300
350
400
450
500
0
250
500
750
1000 1250
OUTPUT CURRENT (mA)
Dropout V oltage
vs . Output C urrent
2.5V
3.3V
T
A
= 25°C
1.8V
300
350
400
450
500
550
600
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Dropout V oltage
vs . T emperature
3.3V
2.5V
I
LOAD = 1A
1.8V
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
2
2.3
2.6
2.9
3.2
3.5
SUPPLY VOLTAGE (V)
Dropout C harac teris tic s
(2.5V )
ILOAD =100mA
ILOAD =750mA
ILOAD =1A
2.4
2.6
2.8
3.0
3.2
3.4
3.6
2.8
3.2
3.6
4.0
4.4
SUPPLY VOLTAGE (V)
Dropout C harac teris tic s
(3.3V )
ILOAD =100mA
ILOAD =750mA
ILOAD =1A
0
2
4
6
8
10
12
14
0
200
400
600
800
1000
OUTPUT CURRENT (mA)
G round C urrent
vs . Output C urrent
2.5V
3.3V
1.8V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
SUPPLY VOLTAGE (V)
G round C urrent
vs . S upply V oltage (2.5V )
ILOAD =100mA
ILOAD =10mA
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
2
4
6
8
SUPPLY VOLTAGE (V)
G round C urrent
vs . S upply V oltage (3.3V )
ILOAD =100mA
ILOAD =10mA
0
5
10
15
20
25
30
35
0
2
4
6
8
SUPPLY VOLTAGE (V)
G round C urrent
vs . S upply V oltage (2.5V )
ILOAD =1A


Similar Part No. - MIC39100

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
102Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
MIC39100-1.8BS MICREL-MIC39100-1.8BS Datasheet
102Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
MIC39100-2.5BS MICREL-MIC39100-2.5BS Datasheet
102Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
MIC39100-3.3BS MICREL-MIC39100-3.3BS Datasheet
102Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
MIC39100-5.0BS MICREL-MIC39100-5.0BS Datasheet
102Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
More results

Similar Description - MIC39100

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
102Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM37101 HTC-LM37101 Datasheet
435Kb / 11P
   1A Low-Voltage Low-Dropout Regulator
LM39100 HTC-LM39100 Datasheet
325Kb / 9P
   1A Low-Voltage Low-Dropout Regulator
logo
Unisonic Technologies
LM39102 UTC-LM39102_17 Datasheet
169Kb / 5P
   1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com