Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC37501-1.5BR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC37501-1.5BR
Description  5A, Low Voltage 關Cap LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37501-1.5BR Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC37501-1.5BR Datasheet HTML 1Page - Micrel Semiconductor MIC37501-1.5BR Datasheet HTML 2Page - Micrel Semiconductor MIC37501-1.5BR Datasheet HTML 3Page - Micrel Semiconductor MIC37501-1.5BR Datasheet HTML 4Page - Micrel Semiconductor MIC37501-1.5BR Datasheet HTML 5Page - Micrel Semiconductor MIC37501-1.5BR Datasheet HTML 6Page - Micrel Semiconductor MIC37501-1.5BR Datasheet HTML 7Page - Micrel Semiconductor MIC37501-1.5BR Datasheet HTML 8Page - Micrel Semiconductor MIC37501-1.5BR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
MIC37501/37502
February 2007
5
M9999-020507
Typical Characteristics
0
50
100
150
200
250
300
350
400
450
0123
45
OUTPUT CURRENT (A)
Dropout
vs. Output Current
2.5V
OUT
250
300
350
400
450
500
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (
°C)
Dropout
vs. Temperature
2.5V
OUT
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.5
1.7
1.9
2.1
2.3
2.5
INPUT VOLTAGE (V)
Dropout Characteristics
(1.5V)
10mA load
5A load
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
1.5 1.7 1.9 2.1 2.3 2.5 2.7
INPUT VOLTAGE (V)
Dropout Characteristics
(1.8V)
5A load
10mA load
0
0.5
1.0
1.5
2.0
2.5
3.0
1.5
2.0
2.5
3.0
3.5
INPUT VOLTAGE (V)
Dropout Characteristics
(2.5V)
5A load
10mA load
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
INPUT VOLTAGE (V)
Dropout Characteristics
(3.3V)
10mA load
5A load
0
5
10
15
20
25
30
35
40
45
50
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
OUTPUT CURRENT (A)
Ground Current
vs. Output Current
2.5V
OUT
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
123
45
INPUT VOLTAGE (V)
Ground Current
vs. Suppl (1.5V)
10mA
100mA
0
10
20
30
40
50
60
70
80
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
INPUT VOLTAGE (V)
Ground Current
vs. Suppl (1.5V)
2.5A
5A
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
123
45
INPUT VOLTAGE (V)
Ground Current
vs. Suppl (1.8V)
10mA
100mA
0
10
20
30
40
50
60
70
80
90
01
23
4
5
INPUT VOLTAGE (V)
Ground Current
vs. Suppl (1.8V)
2.5A
5A
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
01
23
4
5
INPUT VOLTAGE (V)
Ground Current
vs. Suppl (2.5V)
10mA
100mA


Similar Part No. - MIC37501-1.5BR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37501-1.5BR MICREL-MIC37501-1.5BR Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
MIC37501-1.5BR MICREL-MIC37501-1.5BR Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
More results

Similar Description - MIC37501-1.5BR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
   2.5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37139 MICREL-MIC37139_09 Datasheet
747Kb / 10P
   1.5A, Low-Voltage 關Cap LDO Regulator
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
   High Input Voltage Low IQ 關Cap LDO Regulator
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
   High Input Voltage Low IQ 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com