Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72121 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC72121
Description  PLL Frequency Synthesizers for Electronic Tuning
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72121 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC72121 Datasheet HTML 1Page - Sanyo Semicon Device LC72121 Datasheet HTML 2Page - Sanyo Semicon Device LC72121 Datasheet HTML 3Page - Sanyo Semicon Device LC72121 Datasheet HTML 4Page - Sanyo Semicon Device LC72121 Datasheet HTML 5Page - Sanyo Semicon Device LC72121 Datasheet HTML 6Page - Sanyo Semicon Device LC72121 Datasheet HTML 7Page - Sanyo Semicon Device LC72121 Datasheet HTML 8Page - Sanyo Semicon Device LC72121 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Package Dimensions
unit: mm
3059-DIP22S
unit: mm
3112-MFP24S
unit: mm
3175A-SSOP24
No. 5815-2/22
LC72121, 72121M, 72121V
SANYO: DIP22S
[LC72121]
SANYO: MFP24S
[LC72121M]
SANYO: SSOP24
[LC72121V]
Pin Assignments
Top view


Similar Part No. - LC72121

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121 Datasheet
425Kb / 23P
   PLL Frequency Synthesizers for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
   CMOS IC PLL Frequency Synthesizers for Electronic Tuning
LC72121 SANYO-LC72121_03 Datasheet
425Kb / 23P
   PLL Frequency Synthesizers for Electronic Tuning
More results

Similar Description - LC72121

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121_03 Datasheet
425Kb / 23P
   PLL Frequency Synthesizers for Electronic Tuning
LM7001J SANYO-LM7001J Datasheet
91Kb / 8P
   Direct PLL Frequency Synthesizers for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
   CMOS IC PLL Frequency Synthesizers for Electronic Tuning
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com