Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC29153BU Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC29153BU
Description  High-Current Low-Dropout Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29153BU Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC29153BU Datasheet HTML 1Page - Micrel Semiconductor MIC29153BU Datasheet HTML 2Page - Micrel Semiconductor MIC29153BU Datasheet HTML 3Page - Micrel Semiconductor MIC29153BU Datasheet HTML 4Page - Micrel Semiconductor MIC29153BU Datasheet HTML 5Page - Micrel Semiconductor MIC29153BU Datasheet HTML 6Page - Micrel Semiconductor MIC29153BU Datasheet HTML 7Page - Micrel Semiconductor MIC29153BU Datasheet HTML 8Page - Micrel Semiconductor MIC29153BU Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Micrel, Inc.
MIC29150/29300/29500/29750
May 2010
3
M9999-050510-B
Part Number
Standard
RoHS Compliant
(2)
Junction Temp.
Range
(1)
Voltage
Current
Package
MIC29502BU
MIC29502WU
(2)
–40°C to +125°C
Adj.
5.0A
5-Pin TO-263
MIC29503BT
MIC29503WT
(2)
–40°C to +125°C
Adj.
5.0A
5-Pin TO-220
MIC29503BU
MIC29503WU
(2)
–40°C to +125°C
Adj.
5.0A
5-Pin TO-263
MIC29750-3.3BWT
Contact Factory
–40°C to +125°C
3.3
7.5A
3-Pin TO-247
MIC29750-5.0BWT
Contact Factory
–40°C to +125°C
5
7.5A
3-Pin TO-247
MIC29751-3.3BWT
Contact Factory
–40°C to +125°C
3.3
7.5A
5-Pin TO-247
MIC29751-5.0BWT
Contact Factory
–40°C to +125°C
5
7.5A
5-Pin TO-247
MIC29752BWT
MIC29752WWT
(2)
–40°C to +125°C
Adj.
7.5A
5-Pin TO-247
Note:
1. Junction Temperature
2. RoHS compliant with ‘high-melting solder’ exemption.
3. Special Order, Contact Factory
Pin Configuration
3-Pin TO-220 (T)
MIC29150/29300/29500
5-Pin TO-220 Fixed Voltage (T)
MIC29151/29301/29501/29751
5-Pin TO-220 Adjustable Voltage (T)
MIC29152/29302/29502
5-Pin TO-220 Adjustable with Flag (T)
MIC29153/29303/29503
3-Pin TO-247 (WT)
MIC29750
5-Pin TO-247 Fixed Voltage (WT)
MIC29751
5-Pin TO-247 Adjustable Voltage (WT)
MIC29752
3-Pin TO-263 (D
2Pak) (UT)
MIC29150/29300


Similar Part No. - MIC29153BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29153BU MICREL-MIC29153BU Datasheet
132Kb / 20P
   High-Current Low-Dropout Regulators
MIC29153BU MICREL-MIC29153BU Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
More results

Similar Description - MIC29153BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150 Datasheet
132Kb / 20P
   High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
   High-Current Low-Dropout Regulators
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com