Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC29510-5.0BT Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC29510-5.0BT
Description  5A Fast-Response LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29510-5.0BT Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC29510-5.0BT Datasheet HTML 1Page - Micrel Semiconductor MIC29510-5.0BT Datasheet HTML 2Page - Micrel Semiconductor MIC29510-5.0BT Datasheet HTML 3Page - Micrel Semiconductor MIC29510-5.0BT Datasheet HTML 4Page - Micrel Semiconductor MIC29510-5.0BT Datasheet HTML 5Page - Micrel Semiconductor MIC29510-5.0BT Datasheet HTML 6Page - Micrel Semiconductor MIC29510-5.0BT Datasheet HTML 7Page - Micrel Semiconductor MIC29510-5.0BT Datasheet HTML 8Page - Micrel Semiconductor MIC29510-5.0BT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
MIC29510/29512
May 2006
3
M9999-051706
(408) 955-1690
Absolute Maximum Ratings
Input Supply Voltage
(1) ................................... –20V to +20V
Power Dissipation .....................................Internally Limited
Storage Temperature Range ....................–65°C to +150°C
Ambient Temperature Range (soldering, 5 sec.) ....... 260°C
Operating Ratings
Operating Junction Temperature ...................0ºC to +125ºC
(θJC) (TO-220) ............................................................2°C/W
(θJA) (TO-220)...........................................................55°C/W
Electrical Characteristics
All measurements at TJ = 25°C unless otherwise noted. Bold values are guaranteed across the operating temperature range.
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage
10mA ≤ IO ≤ IFL, (VOUT + 1V) ≤ VIN ≤ 8V (Note 2)
–2
2
%
Line Regulation
IO = 10mA, (VOUT + 1V) ≤ VIN ≤ 8V
0.06
0.5
%
Load Regulation
VIN = VOUT + 1V, 10mA ≤ IOUT ≤ IFULL LOAD
(Notes 2, 6))
0.2
1
%
∆VO/∆T
Output Voltage Temperature Coefficient (Note 6)
20
100
ppm/ºC
Dropout Voltage
∆VOUT = – 1% (Note 3)
MIC29510/29512
IO = 100mA
IO = 750mA
IO = 1.5A
IO = 3A
IO = 5A
80
200
320
500
700
200
1000
mV
mV
mV
mV
mV
Ground Current
MIC29510/29512
IO = 750mA, VIN = VOUT + 1V
IO = 1.5A
IO = 3A
IO = 5A
3
10
36
100
20
150
mA
mA
mA
mA
IGNDDO Ground Pin Current at Dropout
VIN = 0.5V less than specified VOUT. IOUT = 10mA
2
3
mA
Current Limit
MIC29510/29512 VOUT = 0V (Note 4)
5.0
6.5
A
en, Output Noise Voltage
(10Hz to 100kHz) IL = 100mA
CL = 47µF
260
µVRMS
Reference (MIC29512 only)
Parameter
Conditions
Min
Typ
Max
Units
Reference Voltage
10mA ≤ IO ≤ IFL, VOUT + 1V ≤ VIN ≤ 8V (Note 2)
1.215
1.265
VMAX
Adjust Pin Bias Current
40
80
120
nA
nA
Reference Voltage Temperature
Coefficient
(Note 7)
20
ppm/ºC
Adjust Pin Bias Current Temperature
Coefficient
0.1
nA/ºC


Similar Part No. - MIC29510-5.0BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29510-5.0BT MICREL-MIC29510-5.0BT Datasheet
81Kb / 8P
   5A Fast-Response LDO Regulator Preliminary Information
More results

Similar Description - MIC29510-5.0BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29510 MICREL-MIC29510 Datasheet
81Kb / 8P
   5A Fast-Response LDO Regulator Preliminary Information
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
   3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
   3A Fast-Response LDO Regulator
logo
Micrel Semiconductor
MIC29710 MICREL-MIC29710 Datasheet
80Kb / 8P
   7.5A Fast-Response LDO Regulator
MIC29310 MICREL-MIC29310 Datasheet
168Kb / 12P
   3A Fast-Response LDO Regulator
MIC29710 MICREL-MIC29710_06 Datasheet
982Kb / 11P
   7.5A Fast-Response LDO Regulator
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
   3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
   Ultra-Fast Transient Response LDO Regulator
logo
Texas Instruments
UC285-1 TI1-UC285-1_16 Datasheet
876Kb / 18P
[Old version datasheet]   FAST TRANSIENT RESPONSE 5A LOW-DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com