Electronic Components Datasheet Search |
|
LC66356A Datasheet(PDF) 8 Page - Sanyo Semicon Device |
|
LC66356A Datasheet(HTML) 8 Page - Sanyo Semicon Device |
8 / 26 page User Options 1. Port 0, 1, 4, and 5 output level at reset option The output levels at reset for I/O ports 0, 1, 4, and 5, in independent 4-bit groups, can be selected from the following two options. 2. Oscillator circuit options • Main clock Note: There is no RC oscillator option. 3. Watchdog timer option A runaway detection function (watchdog timer) can be selected as an option. 4. Port output type options • The output type of each bit (pin) in ports P0, P1, P2, P3 (except for the P33/HOLD pin), P4, P5, P6, and PC can be selected individually from the following two options. No. 5486-8/26 LC66E2316 Option Circuit Conditions and notes 1. External clock 2. Ceramic oscillator The input has Schmitt characteristics Option Conditions and notes 1. Output high at reset The four bits of ports 0, 1, 4, or 5 are set in a group 2. Output low at reset The four bits of ports 0, 1, 4, or 5 are set in a group Option Circuit Conditions and notes 1. Open-drain output 2. Output with built-in pull-up resistor The port P2, P3, P5, and P6 inputs have Schmitt characteristics. The port P2, P3, P5, and P6 inputs have Schmitt characteristics. The CMOS outputs (ports P2, P3, P6, and PC) and the pull-up MOS outputs (P0, P1, P4, and P5) are distinguished by the drive capacity of the p-channel transistor. OSC1 OSC1 OSC2 C1 C2 Ceramic oscillator DSB Output data Input data DSB Output data Input data |
Similar Part No. - LC66356A |
|
Similar Description - LC66356A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |