Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC22600YML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC22600YML
Description  1MHz, 6A Integrated Switch Synchronous Buck Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22600YML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC22600YML Datasheet HTML 3Page - Micrel Semiconductor MIC22600YML Datasheet HTML 4Page - Micrel Semiconductor MIC22600YML Datasheet HTML 5Page - Micrel Semiconductor MIC22600YML Datasheet HTML 6Page - Micrel Semiconductor MIC22600YML Datasheet HTML 7Page - Micrel Semiconductor MIC22600YML Datasheet HTML 8Page - Micrel Semiconductor MIC22600YML Datasheet HTML 9Page - Micrel Semiconductor MIC22600YML Datasheet HTML 10Page - Micrel Semiconductor MIC22600YML Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Micrel, Inc.
MIC22600
October 2009
7
M9999-102809-C
Functional Characteristics
Start-Up/Shutdown (CRC = 10nF)
Time (2ms/div)
VIN = 3V
VO = 1.8V
RO
Transient Response
Time (200µs/div)
VIN = 3V
VO = 1.8V
IO = 0.6A to 6A
Transient Response
Time (200µs/div)
VIN = 5V
VO = 1.8V
IO = 0.6A to 6A
High DC Operation
Time (200ns/div)
VIN = 5V
IO = 1A
Output Noise & Ripple
Time (400ns/div)
VIN = 5V
VO = 3.3V
IO = 6A
Start-Up (CRC = 0nF)
Time (20µs/div)
VIN = 3V
VO = 1V
IO = 6A


Similar Part No. - MIC22600YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22600YML MICREL-MIC22600YML Datasheet
541Kb / 17P
   1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600YML MICREL-MIC22600YML Datasheet
1Mb / 32P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
More results

Similar Description - MIC22600YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
   1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22602 MICREL-MIC22602 Datasheet
855Kb / 24P
   1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC22601 MICREL-MIC22601 Datasheet
785Kb / 18P
   4 MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22700 MICREL-MIC22700_10 Datasheet
1Mb / 21P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_13 Datasheet
1Mb / 29P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC5167 MICREL-MIC5167_12 Datasheet
719Kb / 23P
   1MHz, 6A, Integrated Switch, High-Efficiency, Synchronous Buck DDR Memory Terminator
MIC22705 MICREL-MIC22705_11 Datasheet
1Mb / 29P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22700 MICREL-MIC22700 Datasheet
1Mb / 21P
   1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705 Datasheet
1Mb / 28P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com