Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC6315-40D4U Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC6315-40D4U
Description  Open-Drain 關P Reset Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6315-40D4U Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC6315-40D4U Datasheet HTML 1Page - Micrel Semiconductor MIC6315-40D4U Datasheet HTML 2Page - Micrel Semiconductor MIC6315-40D4U Datasheet HTML 3Page - Micrel Semiconductor MIC6315-40D4U Datasheet HTML 4Page - Micrel Semiconductor MIC6315-40D4U Datasheet HTML 5Page - Micrel Semiconductor MIC6315-40D4U Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
September 2008
5
M9999-091608
MIC6315
Micrel
Applications Information
Microprocessor Reset
The /RESET pin is asserted whenever VCC falls below the
reset threshold voltage or if /MR (manual reset) is forced
low. The /RESET pin remains asserted for the duration of
the reset timeout period after VCC has risen above the reset
threshold or /MR has returned high. The reset function en-
sure the microprocessor is properly reset and powers up in
a known condition after a power failure. /RESET will remain
valid with VCC as low as 1V.
The /RESET output is a simple open-drain N-channel MOS-
FETstructure.Apull-upresistormustbeusedtopullthis
output up to some voltage. For most applications, this volt-
age will be the same power supply that supplies VCC to the
MIC6315. It is possible, however, to tie this resistor to some
other voltage. This will allow the MIC6315 to monitor one
voltage while level-shifting the /RESET output to some other
voltage. The pull-up voltage must be limited to 6.0V or less
(absolute maximum) to avoid damage to the MIC6315. The
resistor must be small enough to supply current to the inputs
and leakage paths that are driven by the /RESET output.
/RESET Valid at Low Voltage
AsVCC drops to 0V, the MIC6315 will no longer be able to
pullthe/RESEToutputlow.Atthispoint,thepull-upresistor
will pull the output high. The value of the pull-up resistor and
the voltage it is connected to will affect the point at which
this happens.
Wire OR'ing The /RESET Output
Because the RESET output is open-drain, several reset
sources can be wire-ORed, in parallel, to allow resets from
multiple sources.
VCC Transients
The MIC6315 is relatively immune to negative-going VCC
glitches below the reset threshold.Typically, a negative-going
transient 125mV below the reset threshold with a duration of
20µsorlesswillnotcauseanunwantedreset.Ifadditional
transient immunity is needed, a bypass capacitor can be
placed a close as possible to the MIC6315.
VCC
RESET
5V SYSTEM
RESET
VCC
MIC6315
+5.0V
MR
10k
+3.3V
MIC6315 Used in a Multiple Supply System


Similar Part No. - MIC6315-40D4U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6315-40D4U MICREL-MIC6315-40D4U Datasheet
255Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315-40D4UY MICREL-MIC6315-40D4UY Datasheet
523Kb / 8P
   Open-Drain 關P Reset Circuit
logo
Microchip Technology
MIC6315-40D4UY-TR MICROCHIP-MIC6315-40D4UY-TR Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
More results

Similar Description - MIC6315-40D4U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_14 Datasheet
523Kb / 8P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315 MAXIM-MAX6315_V01 Datasheet
139Kb / 7P
   Open-Drain SOT 關P Reset Circuit
2015
MAX6315 MAXIM-MAX6315 Datasheet
113Kb / 8P
   Open-Drain SOT 關P Reset Circuit
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315 Datasheet
66Kb / 6P
   Open-Drain UP Reset Circuit
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
logo
Maxim Integrated Produc...
MAX6315US30D3 MAXIM-MAX6315US30D3 Datasheet
536Kb / 7P
   Open-Drain SOT muP Reset Circuit
Rev 3; 12/05
MAX6315US31D2 MAXIM-MAX6315US31D2 Datasheet
536Kb / 7P
   Open-Drain SOT μP Reset Circuit
Rev 3; 12/05
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
   Open drain microprocessor reset
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
   Open Drain Microprocessor Reset
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com