Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC9130BM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC9130BM
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9130BM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC9130BM Datasheet HTML 3Page - Micrel Semiconductor MIC9130BM Datasheet HTML 4Page - Micrel Semiconductor MIC9130BM Datasheet HTML 5Page - Micrel Semiconductor MIC9130BM Datasheet HTML 6Page - Micrel Semiconductor MIC9130BM Datasheet HTML 7Page - Micrel Semiconductor MIC9130BM Datasheet HTML 8Page - Micrel Semiconductor MIC9130BM Datasheet HTML 9Page - Micrel Semiconductor MIC9130BM Datasheet HTML 10Page - Micrel Semiconductor MIC9130BM Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
November 2008
7
M9999-111108
MIC9130
Micrel, Inc.
35
36
37
38
39
40
41
42
43
44
45
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
ISNS Pin Source Current
vs. Temperature
R
BIAS=560K
V
CC=10V
38
38.5
39
39.5
40
40.5
41
41.5
42
8
1012141618
V
CC (V)
ISNS Pin Source Current
vs. VCC
R
BIAS=560K


Similar Part No. - MIC9130BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9130BM MICREL-MIC9130BM Datasheet
395Kb / 19P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
More results

Similar Description - MIC9130BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9130 MICREL-MIC9130 Datasheet
395Kb / 19P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9131 MICREL-MIC9131 Datasheet
142Kb / 20P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9131 MICREL-MIC9131_06 Datasheet
912Kb / 19P
   High-Voltage, High-Speed Telecom
logo
Linear Technology
LTC3811 LINER-LTC3811_15 Datasheet
544Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC3811 LINER-LTC3811 Datasheet
539Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
logo
Sanyo Semicon Device
LA5528N SANYO-LA5528N Datasheet
69Kb / 3P
   Low-Voltage DC Motor Speed Controller?
LA5523 SANYO-LA5523 Datasheet
52Kb / 1P
   LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
logo
List of Unclassifed Man...
KA2202 ETC-KA2202 Datasheet
85Kb / 3P
   LOW VOLTAGE DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA5527M SANYO-LA5527M Datasheet
56Kb / 3P
   Low-Voltage DC Motor Speed Controller?
LA5527 SANYO-LA5527 Datasheet
58Kb / 3P
   Low-Voltage DC Motor Speed Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com