Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5305-3.3YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5305-3.3YML
Description  150mA 關Cap Ultra-Low Dropout LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5305-3.3YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5305-3.3YML Datasheet HTML 1Page - Micrel Semiconductor MIC5305-3.3YML Datasheet HTML 2Page - Micrel Semiconductor MIC5305-3.3YML Datasheet HTML 3Page - Micrel Semiconductor MIC5305-3.3YML Datasheet HTML 4Page - Micrel Semiconductor MIC5305-3.3YML Datasheet HTML 5Page - Micrel Semiconductor MIC5305-3.3YML Datasheet HTML 6Page - Micrel Semiconductor MIC5305-3.3YML Datasheet HTML 7Page - Micrel Semiconductor MIC5305-3.3YML Datasheet HTML 8Page - Micrel Semiconductor MIC5305-3.3YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC5305
June 2007
2
M9999-062507
Ordering Information
Part Number
Marking
Standard
Pb-Free
Standard
Pb-Free*
Voltage
Junction
Temp. Range
(1)
Package
MIC5305-1.5BML
MIC5305-1.5YML
815
815
1.5V
–40°C to +125°C
6-Pin 2x2 MLF
®
MIC5305-1.8BML
MIC5305-1.8YML
818
818
1.8V
–40°C to +125°C
6-Pin 2x2 MLF
®
MIC5305-2.0YML
820
2.0V
–40°C to +125°C
6-Pin 2x2 MLF
®
MIC5305-2.5BML
MIC5305-2.5YML
825
825
2.5V
–40°C to +125°C
6-Pin 2x2 MLF
®
MIC5305-2.6BML
MIC5305-2.6YML
826
826
2.6V
–40°C to +125°C
6-Pin 2x2 MLF
®
MIC5305-2.7BML
MIC5305-2.7YML
827
827
2.7V
–40°C to +125°C
6-Pin 2x2 MLF
®
MIC5305-2.8BML
MIC5305-2.8YML
828
828
2.8V
–40°C to +125°C
6-Pin 2x2 MLF
®
MIC5305-2.85BML
MIC5305-2.85YML
82J
82J
2.85V
–40°C to +125°C
6-Pin 2x2 MLF
®
MIC5305-2.9BML
MIC5305-2.9YML
829
829
2.9V
–40°C to +125°C
6-Pin 2x2 MLF
®
MIC5305-3.0BML
MIC5305-3.0YML
830
830
3.0V
–40°C to +125°C
6-Pin 2x2 MLF
®
MIC5305-3.3BML
MIC5305-3.3YML
833
833
3.3V
–40°C to +125°C
6-Pin 2x2 MLF
®
MIC5305-4.75BML
MIC5305-4.75YML
84H
84H
4.75V
–40°C to +125°C
6-Pin 2x2 MLF
®
MIC5305BML
MIC5305YML
8AA
8AA
ADJ
–40°C to +125°C
6-Pin 2x2 MLF
®
MIC5305-2.8YMT
828**
2.8V
–40°C to +125°C
6-Pin 2x2 Thin MLF
®
MIC5305-4.6YMT
846**
4.6V
–40°C to +125°C
6-Pin 2x2 Thin MLF
®
MIC5305-1.5BD5
MIC5305-1.5YD5
N815
N815
1.5V
–40°C to +125°C
Thin SOT23-5
MIC5305-1.8BD5
MIC5305-1.8YD5
N818
N818
1.8V
–40°C to +125°C
Thin SOT23-5
MIC5305-2.5BD5
MIC5305-2.5YD5
N825
N825
2.5V
–40°C to +125°C
Thin SOT23-5
MIC5305-2.6BD5
MIC5305-2.6YD5
N826
N826
2.6V
–40°C to +125°C
Thin SOT23-5
MIC5305-2.7BD5
MIC5305-2.7YD5
N827
N827
2.7V
–40°C to +125°C
Thin SOT23-5
MIC5305-2.8BD5
MIC5305-2.8YD5
N828
N828
2.8V
–40°C to +125°C
Thin SOT23-5
MIC5305-2.85BD5
MIC5305-2.85YD5
N82J
N82J
2.85V
–40°C to +125°C
Thin SOT23-5
MIC5305-2.9BD5
MIC5305-2.9YD5
N829
N829
2.9V
–40°C to +125°C
Thin SOT23-5
MIC5305-3.0BD5
MIC5305-3.0YD5
N830
N830
3.0V
–40°C to +125°C
Thin SOT23-5
MIC5305-3.3BD5
MIC5305-3.3YD5
N833
N833
3.3V
–40°C to +125°C
Thin SOT23-5
MIC5305-4.75BD5
MIC5305-4.75YD5
N84H
N84H
4.75V
–40°C to +125°C
Thin SOT23-5
Note:
1. For other output voltage options, contact Micrel marketing.
* Underbar/Overbar symbols may not be to scale.
** Pin 1 identifier for 2x2 Thin MLF
® is “▲” symbol.


Similar Part No. - MIC5305-3.3YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5305-3.3BML MICREL-MIC5305-3.3BML Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
More results

Similar Description - MIC5305-3.3YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com