Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5377 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5377
Description  High Performance Low Dropout 150mA LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5377 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5377 Datasheet HTML 1Page - Micrel Semiconductor MIC5377 Datasheet HTML 2Page - Micrel Semiconductor MIC5377 Datasheet HTML 3Page - Micrel Semiconductor MIC5377 Datasheet HTML 4Page - Micrel Semiconductor MIC5377 Datasheet HTML 5Page - Micrel Semiconductor MIC5377 Datasheet HTML 6Page - Micrel Semiconductor MIC5377 Datasheet HTML 7Page - Micrel Semiconductor MIC5377 Datasheet HTML 8Page - Micrel Semiconductor MIC5377 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Micrel, Inc.
MIC5375/6/7/8
January 2009
2
M9999-011309-B
Block Diagram
Reference
LDO
VOUT
GND
VIN
EN
Auto
Discharge*
*MIC5376 Only
MIC5375/6 Block Diagram
Reference
LDO
VOUT
ADJ
*MIC5378 Only
GND
VIN
EN
Auto
Discharge*
MIC5377/8 Block Diagram


Similar Part No. - MIC5377

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5377 MICROCHIP-MIC5377 Datasheet
2Mb / 24P
   High Performance Low Dropout 150 mA LDO
09/14/21
MIC5377YC5-TR MICROCHIP-MIC5377YC5-TR Datasheet
2Mb / 24P
   High Performance Low Dropout 150 mA LDO
09/14/21
MIC5377YMT-TR MICROCHIP-MIC5377YMT-TR Datasheet
2Mb / 24P
   High Performance Low Dropout 150 mA LDO
09/14/21
More results

Similar Description - MIC5377

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com