Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5309YD6 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5309YD6
Description  Low VIN/VOUT 300mA High PSRR ULDO with Ultra-Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5309YD6 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5309YD6 Datasheet HTML 1Page - Micrel Semiconductor MIC5309YD6 Datasheet HTML 2Page - Micrel Semiconductor MIC5309YD6 Datasheet HTML 3Page - Micrel Semiconductor MIC5309YD6 Datasheet HTML 4Page - Micrel Semiconductor MIC5309YD6 Datasheet HTML 5Page - Micrel Semiconductor MIC5309YD6 Datasheet HTML 6Page - Micrel Semiconductor MIC5309YD6 Datasheet HTML 7Page - Micrel Semiconductor MIC5309YD6 Datasheet HTML 8Page - Micrel Semiconductor MIC5309YD6 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC5309
May 2008
3
M9999-051508-D
Absolute Maximum Ratings(1)
Supply Voltage (VIN)............................................ 0V to VBIAS
Bias Supply Voltage (VBIAS).................................. 0V to +6V
Enable Voltage (VEN)........................................... 0V to VBIAS
Power Dissipation, ................................ Internally Limited
(3)
Lead Temperature (soldering, 10µsec.)..................... 260°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(4).................................................................. 3kV
Operating Ratings(2)
Supply Voltage (VIN).......................................+1.7V to VBIAS
Bias Supply Voltage (VBIAS).......................... +2.5V to +5.5V
Enable Input Voltage (VEN)
0V to VBIAS
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
1.6x1.6 MLF-6 (
θJA) ...........................................90°C/W
TSOT-23-6 (
θJA)...............................................235°C/W
Electrical Characteristics
VBIAS = 3.6V; VIN = VOUT + 1V; VIN VBIAS; COUT = 1.0µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to +125°C,
unless noted.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
Variation from nominal VOUT
2.0
+2.0
%
Reference Voltage
ADJ pin voltage
0.7595
0.775
0.7905
V
VBIAS Line Regulation
VBIAS = 3.6 to 5.5V, VIN = VOUT + 1V
0.01
0.3
%/V
VIN Line Regulation
VIN = VOUT + 1V , VBIAS = 5.5V
0.02
0.2
%/V
Load Regulation
IOUT = 100µA to 300mA
0.4
2
%
Dropout Voltage
IOUT = 300mA
100
200
mV
Ground Pin Current
(5)
IOUT = 100µA to 300mA , VEN = VBIAS
23
35
µA
Ground Pin Current in
Shutdown
VEN ≤ 0.2V
0.01
2.0
µA
f = up to 1kHz; COUT = 1.0µF; no CBYP
70
dB
f = up to 1kHz; COUT = 1.0µF; CBYP = 10nF
50
90
dB
VIN Ripple Rejection
f = 20kHz; COUT = 1.0µF; CBYP = 10nF
80
dB
Current Limit
VOUT = 0V
350
550
800
mA
Output Voltage Noise
COUT = 1.0µF, CBYP = 10nF, 10Hz to 100kHz
28
µVRMS
Enable Inputs (EN)
Logic Low
0.2
V
Enable Input Voltage
Logic High
1.2
V
VIL ≤ 0.2V
0.17
1
µA
Enable Input Current
VIH ≥ 1.2V
1.5
1
µA
Turn-on Time
COUT = 1.0µF, CBYP = 10nF
150
500
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
5. IGND = IIN + IBIAS – IOUT.


Similar Part No. - MIC5309YD6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5309YD6 MICREL-MIC5309YD6 Datasheet
353Kb / 11P
   Low VIN/VOUT 300mA High PSRR ULDO??with Ultra-Low IQ
More results

Similar Description - MIC5309YD6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5309 MICREL-MIC5309 Datasheet
353Kb / 11P
   Low VIN/VOUT 300mA High PSRR ULDO??with Ultra-Low IQ
MIC5308 MICREL-MIC5308_08 Datasheet
382Kb / 11P
   Low VIN/VOUT 150mA High PSRR ULDO with Ultra-Low IQ
MIC5308 MICREL-MIC5308 Datasheet
381Kb / 11P
   Low VIN/VOUT 150mA High PSRR ULDO with Ultra-Low IQ
MIC5325 MICREL-MIC5325_10 Datasheet
375Kb / 11P
   Low VIN/VOUT 400mA ULDO with Ultra-Low IQ
MIC5325 MICREL-MIC5325_11 Datasheet
407Kb / 11P
   Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
MIC5325 MICREL-MIC5325 Datasheet
293Kb / 11P
   Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
logo
Texas Instruments
TPS7A10 TI1-TPS7A10 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A11 TI1-TPS7A11_18 Datasheet
3Mb / 40P
[Old version datasheet]   500-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com