Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5255-2.85YD5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5255-2.85YD5
Description  150mA Low Noise Cap CMOS LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5255-2.85YD5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5255-2.85YD5 Datasheet HTML 1Page - Micrel Semiconductor MIC5255-2.85YD5 Datasheet HTML 2Page - Micrel Semiconductor MIC5255-2.85YD5 Datasheet HTML 3Page - Micrel Semiconductor MIC5255-2.85YD5 Datasheet HTML 4Page - Micrel Semiconductor MIC5255-2.85YD5 Datasheet HTML 5Page - Micrel Semiconductor MIC5255-2.85YD5 Datasheet HTML 6Page - Micrel Semiconductor MIC5255-2.85YD5 Datasheet HTML 7Page - Micrel Semiconductor MIC5255-2.85YD5 Datasheet HTML 8Page - Micrel Semiconductor MIC5255-2.85YD5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC5255
150mA Low Noise µCap CMOS LDO
IttyBitty is a registered trademark of Micrel, Inc
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2006
1
M9999-110906
General Description
The MIC5255 is an efficient, precise CMOS voltage
regulator optimized for ultra-low-noise applications. It
offers 1% initial accuracy, extremely-low dropout voltage
(135mV at 150mA) and low ground current (typically
90µA). The MIC5255 provides a very-low-noise output,
ideal for RF applications where a clean voltage source is
required. A noise bypass pin is also available for further
reduction of output noise.
Designed specifically for handheld and battery-powered
devices, the MIC5255 provides a TTL-logic-compatible en-
able pin. When disabled, power consumption drops nearly
to zero.
The MIC5255 also works with low-ESR ceramic
capacitors, reducing the amount of board space necessary
for power applications, critical in handheld wireless
devices.
Key features include current limit, thermal shutdown, faster
transient response, and an active clamp to speed up
device turn-off. Available in the 6-pin 2mm × 2mm MLF
®
package, the IttyBitty
® SOT-23-5 package and the new
Thin SOT-23-5, which offers the same footprint as the
standard IttyBitty
®
SOT-23-5, but only 1mm tall. The
MIC5255 offers a range of output voltages.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Input voltage range: 2.7V to 6.0V
• Thin SOT package: 1mm height SOT-23-5
• Ultra-low output noise: 30µV(rms)
• Stability with ceramic output capacitors
• Ultra-low dropout: 135mV @ 150mA
• High output accuracy:
1.0% initial accuracy
2.0% over temperature
• Low quiescent current: 90µA
• Tight load and line regulation
• TTL-Logic-controlled enable input
• “Zero” off-mode current
• Thermal shutdown and current limit protection
Applications
• Cellular phones and pagers
• Cellular accessories
• Battery-powered equipment
• Laptop, notebook, and palmtop computers
• Consumer/personal electronics
___________________________________________________________________________________________________________
Typical Application
COUT = 1.0µF
CIN = 1.0µF
Ceramic
Ceramic
15
2
3
4
CBYP = 0.01µF
Enable
Shutdown
EN
VOUT
MIC5255-x.x_M5
EN (pin 3) may be
connected directly
to IN (pin 1).
VIN
Ultra-Low-Noise Regulator Application


Similar Part No. - MIC5255-2.85YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5255-2.85YD5 MICREL-MIC5255-2.85YD5 Datasheet
129Kb / 11P
   150mA Low Noise UCap CMOS LDO
More results

Similar Description - MIC5255-2.85YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
   150mA Low Noise UCap CMOS LDO
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com