Electronic Components Datasheet Search |
|
MIC5255-2.8YML Datasheet(PDF) 1 Page - Micrel Semiconductor |
|
MIC5255-2.8YML Datasheet(HTML) 1 Page - Micrel Semiconductor |
1 / 13 page MIC5255 150mA Low Noise µCap CMOS LDO IttyBitty is a registered trademark of Micrel, Inc MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc. Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 ( 408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com November 2006 1 M9999-110906 General Description The MIC5255 is an efficient, precise CMOS voltage regulator optimized for ultra-low-noise applications. It offers 1% initial accuracy, extremely-low dropout voltage (135mV at 150mA) and low ground current (typically 90µA). The MIC5255 provides a very-low-noise output, ideal for RF applications where a clean voltage source is required. A noise bypass pin is also available for further reduction of output noise. Designed specifically for handheld and battery-powered devices, the MIC5255 provides a TTL-logic-compatible en- able pin. When disabled, power consumption drops nearly to zero. The MIC5255 also works with low-ESR ceramic capacitors, reducing the amount of board space necessary for power applications, critical in handheld wireless devices. Key features include current limit, thermal shutdown, faster transient response, and an active clamp to speed up device turn-off. Available in the 6-pin 2mm × 2mm MLF ® package, the IttyBitty ® SOT-23-5 package and the new Thin SOT-23-5, which offers the same footprint as the standard IttyBitty ® SOT-23-5, but only 1mm tall. The MIC5255 offers a range of output voltages. Data sheets and support documentation can be found on Micrel’s web site at www.micrel.com. Features • Input voltage range: 2.7V to 6.0V • Thin SOT package: 1mm height SOT-23-5 • Ultra-low output noise: 30µV(rms) • Stability with ceramic output capacitors • Ultra-low dropout: 135mV @ 150mA • High output accuracy: – 1.0% initial accuracy – 2.0% over temperature • Low quiescent current: 90µA • Tight load and line regulation • TTL-Logic-controlled enable input • “Zero” off-mode current • Thermal shutdown and current limit protection Applications • Cellular phones and pagers • Cellular accessories • Battery-powered equipment • Laptop, notebook, and palmtop computers • Consumer/personal electronics ___________________________________________________________________________________________________________ Typical Application COUT = 1.0µF CIN = 1.0µF Ceramic Ceramic 15 2 3 4 CBYP = 0.01µF Enable Shutdown EN VOUT MIC5255-x.x_M5 EN (pin 3) may be connected directly to IN (pin 1). VIN Ultra-Low-Noise Regulator Application |
Similar Part No. - MIC5255-2.8YML |
|
Similar Description - MIC5255-2.8YML |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |