Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5308-1.5YMT Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5308-1.5YMT
Description  Low VIN/VOUT 150mA High PSRR ULDO with Ultra-Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5308-1.5YMT Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5308-1.5YMT Datasheet HTML 1Page - Micrel Semiconductor MIC5308-1.5YMT Datasheet HTML 2Page - Micrel Semiconductor MIC5308-1.5YMT Datasheet HTML 3Page - Micrel Semiconductor MIC5308-1.5YMT Datasheet HTML 4Page - Micrel Semiconductor MIC5308-1.5YMT Datasheet HTML 5Page - Micrel Semiconductor MIC5308-1.5YMT Datasheet HTML 6Page - Micrel Semiconductor MIC5308-1.5YMT Datasheet HTML 7Page - Micrel Semiconductor MIC5308-1.5YMT Datasheet HTML 8Page - Micrel Semiconductor MIC5308-1.5YMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC5308
May 2008
2
M9999-051508-D
Ordering Information
Part Number
Voltage
Marking Codes
Temperature Range
Package
MIC5308-1.2YMT
1.2V
1R2
–40° to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5308-1.5YMT
1.5V
1R5
–40° to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5308-1.8YMT
1.8V
1R8
–40° to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5308YMT
Adj.
ARA
–40° to +125°C
6-Pin 1.6mm x 1.6mm Thin MLF
®
MIC5308-1.2YD6
1.2V
QR12
–40° to +125°C
6-Pin TSOT-23
MIC5308-1.5YD6
1.5V
QR15
–40° to +125°C
6-Pin TSOT-23
MIC5308-1.8YD6
1.8V
QR18
–40° to +125°C
6-Pin TSOT-23
MIC5308YD6
Adj.
QRAA
–40° to +125°C
6-Pin TSOT-23
Notes
For other voltage options. Contact Micrel Marketing for details.
Pin 1 identifier =
.
MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
1
BIAS
GND
VIN
6
BYP/ADJ
EN
VOUT
5
4
2
3
BIAS
GND
BYP/ADJ
VOUT
VIN
3
1
6
2
45
EN
6-Pin 1.6mm x 1.6mm Thin MLF
® (MT)
6-Pin TSOT-23 (D6)
Pin Description
Pin Number
Thin MLF-6
Pin Number
TSOT-23-6
Pin Name
Pin Function
3
1
VIN
Power Input for LDO.
2
2
GND
Ground
1
3
BIAS
Bias Input Voltage.
BYP
Bypass: Connect a capacitor to ground to reduce noise and
reduce ripple rejection.
6
4
ADJ
Adjustable: Feedback input from external resistor divider.
5
5
EN
Enable Input: Active High Input. Logic High = On;
Logic Low = Off; Do not leave floating.
4
6
VOUT
Output of regulator.
HS Pad
EPAD
Exposed heatsink pad connected to ground internally.


Similar Part No. - MIC5308-1.5YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5308-1.5YMT MICREL-MIC5308-1.5YMT Datasheet
381Kb / 11P
   Low VIN/VOUT 150mA High PSRR ULDO with Ultra-Low IQ
More results

Similar Description - MIC5308-1.5YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5308 MICREL-MIC5308 Datasheet
381Kb / 11P
   Low VIN/VOUT 150mA High PSRR ULDO with Ultra-Low IQ
MIC5309 MICREL-MIC5309 Datasheet
353Kb / 11P
   Low VIN/VOUT 300mA High PSRR ULDO??with Ultra-Low IQ
MIC5309 MICREL-MIC5309_08 Datasheet
355Kb / 11P
   Low VIN/VOUT 300mA High PSRR ULDO with Ultra-Low IQ
MIC5325 MICREL-MIC5325_10 Datasheet
375Kb / 11P
   Low VIN/VOUT 400mA ULDO with Ultra-Low IQ
MIC5325 MICREL-MIC5325_11 Datasheet
407Kb / 11P
   Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
MIC5325 MICREL-MIC5325 Datasheet
293Kb / 11P
   Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5283 MICREL-MAQ5283 Datasheet
828Kb / 14P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com