Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5255-2.7YM5 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5255-2.7YM5
Description  150mA Low Noise Cap CMOS LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5255-2.7YM5 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5255-2.7YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5255-2.7YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5255-2.7YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5255-2.7YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5255-2.7YM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5255-2.7YM5 Datasheet HTML 10Page - Micrel Semiconductor MIC5255-2.7YM5 Datasheet HTML 11Page - Micrel Semiconductor MIC5255-2.7YM5 Datasheet HTML 12Page - Micrel Semiconductor MIC5255-2.7YM5 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Micrel, Inc.
MIC5255
November 2006
10
M9999-110906
Application Information
Enable/Shutdown
The MIC5255 comes with an active-high enable pin that
allows the regulator to be disabled. Forcing the enable
pin low disables the regulator and sends it into a “zero”
off-mode-current state. In this state, current consumed
by the regulator goes nearly to zero. Forcing the enable
pin high enables the output voltage. This part is CMOS
and the enable pin cannot be left floating; a floating
enable pin may cause an indeterminate state on the
output.
Input Capacitor
The MIC5255 is a high performance, high bandwidth
device. Therefore, it requires a well-bypassed input
supply for optimal performance. A 1µF capacitor is
required from the input to ground to provide stability.
Low-ESR
ceramic
capacitors
provide
optimal
performance at a minimum of space. Additional high
frequency capacitors, such as small valued NPO
dielectric type capacitors, help filter out high frequency
noise and are good practice in any RF-based circuit.
Output Capacitor
The MIC5255 requires an output capacitor for stability.
The design requires 1µF or greater on the output to
maintain stability. The design is optimized for use with
low-ESR ceramic chip capacitors. High ESR capacitors
may cause high frequency oscillation. The maximum
recommended ESR is 300mΩ. The output capacitor can
be increased, but performance has been optimized for a
1µF ceramic output capacitor and does not improve
significantly with larger capacitance.
X7R/X5R dielectric-type ceramic capacitors are recom-
mended because of their temperature performance.
X7R-type capacitors change capacitance by 15% over
their operating temperature range and are the most
stable type of ceramic capacitors. Z5U and Y5V
dielectric capacitors change value by as much as 50%
and 60%, respectively, over their operating temperature
ranges. To use a ceramic chip capacitor with Y5V
dielectric, the value must be much higher than an X7R
ceramic capacitor to ensure the same minimum
capacitance over the equivalent operating temperature
range.
Bypass Capacitor
A capacitor can be placed from the noise bypass pin to
ground to reduce output voltage noise. The capacitor
bypasses the internal reference. A 0.01µF capacitor is
recommended for applications that require low-noise
outputs. The bypass capacitor can be increased, further
reducing noise and improving PSRR. Turn-on time
increases slightly with respect to bypass capacitance. A
unique quick-start circuit allows the MIC5255 to drive a
large capacitor on the bypass pin without significantly
slowing turn-on time. Refer to the “Typical Character-
istics
” section for performance with different bypass
capacitors.
Active Shutdown
The MIC5255 also features an active shutdown clamp,
which is an N-Channel MOSFET that turns on when the
device is disabled. This allows the output capacitor and
load to discharge, de-energizing the load.
No-Load Stability
The MIC5255 will remain stable and in regulation with no
load unlike many other voltage regulators. This is
especially
important
in
CMOS
RAM
keep-alive
applications.
Thermal Considerations
The MIC5255 is designed to provide 150mA of
continuous current in a very small package. Maximum
power dissipation can be calculated based on the output
current and the voltage drop across the part. To
determine the maximum power dissipation of the
package, use the junction-to-ambient thermal resistance
of the device and the following basic equation:
=
JA
A
J(max)
D(max)
θ
T
T
P
TJ(max) is the maximum junction temperature of the die,
125°C, and TA is the ambient operating temperature. θJA
is layout dependent; Table 1 shows examples of
junction-to-ambient thermal resistance for the MIC5255.
Package
θ
JA Recommended
Minimum Footprint
θ
JA 1” Square
Copper Clad
θ
JC
SOT23-5
(M5 or D5)
235°C/W
185°C/W
145°C/W
Table 1. SOT-23-5 Thermal Resistance
The actual power dissipation of the regulator circuit can
be determined using the equation:
PD = (VIN – VOUT) IOUT + VIN IGND
Substituting PD(max) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit.
For example, when operating the MIC5255-3.0BM5 at
50°C with a minimum footprint layout, the maximum
input voltage for a set output current can be determined
as follows:
°
°
°
=
C/W
235
C
50
C
125
PD(max)
PD(max) = 315mW


Similar Part No. - MIC5255-2.7YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5255-2.7YM5 MICREL-MIC5255-2.7YM5 Datasheet
129Kb / 11P
   150mA Low Noise UCap CMOS LDO
More results

Similar Description - MIC5255-2.7YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
   150mA Low Noise UCap CMOS LDO
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com