Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5239YM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5239YM
Description  Low Quiescent Current 500mA 關Cap LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239YM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5239YM Datasheet HTML 1Page - Micrel Semiconductor MIC5239YM Datasheet HTML 2Page - Micrel Semiconductor MIC5239YM Datasheet HTML 3Page - Micrel Semiconductor MIC5239YM Datasheet HTML 4Page - Micrel Semiconductor MIC5239YM Datasheet HTML 5Page - Micrel Semiconductor MIC5239YM Datasheet HTML 6Page - Micrel Semiconductor MIC5239YM Datasheet HTML 7Page - Micrel Semiconductor MIC5239YM Datasheet HTML 8Page - Micrel Semiconductor MIC5239YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Micrel
MIC5239
December 2007
5
M9999-121007
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) ÷ θJA. Exceeding the maximum
allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. The θJA of the MIC5239-
x.xBMM (all versions) is 80°C/W, the MIC5239-x.xBM (all versions) is 63°C/W, and the MIC5239-x.xBS (all versions) is 50°C/W mounted on a
PC board, see “Thermal Characteristics” for further details.
4.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
5.
Specification for packaged product only.
6.
Regulation is measured at constant junction temperature using pulse testing with a low duty-cycle. Changes in output voltage due to heating
effects are covered by the specification for thermal regulation.
7.
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1.0V
differential.


Similar Part No. - MIC5239YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5239-3.0BM MICREL-MIC5239-3.0BM Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5239-3.0BMM MICREL-MIC5239-3.0BMM Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5239-3.0BS MICREL-MIC5239-3.0BS Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5239BM MICREL-MIC5239BM Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
More results

Similar Description - MIC5239YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5232 MICREL-MIC5232_08 Datasheet
365Kb / 10P
   10mA Ultra-Low Quiescent Current 關Cap LDO
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_14 Datasheet
107Kb / 5P
   500mA Low Quiescent Current CMOS LDO
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com