Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5256-3.0YM5 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5256-3.0YM5
Description  150mA 關Cap LDO with Error Flag
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5256-3.0YM5 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5256-3.0YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5256-3.0YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5256-3.0YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5256-3.0YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5256-3.0YM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5256-3.0YM5 Datasheet HTML 10Page - Micrel Semiconductor MIC5256-3.0YM5 Datasheet HTML 11Page - Micrel Semiconductor MIC5256-3.0YM5 Datasheet HTML 12Page - Micrel Semiconductor MIC5256-3.0YM5 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Micrel, Inc.
MIC5256
August 2010
11
M9999-080510
TJ(max) is the maximum junction temperature of the die,
125°C, and TA is the ambient operating temperature. θJA
is layout dependent; Table 1 shows examples of
junction-to-ambient thermal resistance for the MIC5256.
Package
θ
JA Recommended
Minimum Footprint
θ
JA 1” Square
Copper Clad
θ
JC
SOT23-5
(M5 or D5)
235°C/W
185°C/W
145°C/W
Table 1. SOT-23-5 Thermal Resistance
The actual power dissipation of the regulator circuit can
be determined using the equation:
PD = (VIN – VOUT) IOUT + VIN IGND
Substituting PD(max) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit.
For example, when operating the MIC5256-3.0BM5 at
50°C with a minimum footprint layout, the maximum
input voltage for a set output current can be determined
as follows:
°
°
°
=
C/W
235
C
50
C
125
PD(max)
PD(max) = 315mW
The junction-to-ambient thermal resistance for the
minimum footprint is 235°C/W, from Table 1. The
maximum power dissipation must not be exceeded for
proper operation. Using the output voltage of 3.0V and
an output current of 150mA, the maximum input voltage
can be determined. Because this device is CMOS and
the ground current is typically 100µA over the load
range, the power dissipation contributed by the ground
current is < 1% and can be ignored for this calculation.
315mW = (VIN – 3.0V) 150mA
315mW = VIN·•150mA – 450mW
810mW = VIN·•150mA
VIN(max) = 5.4V
Therefore, a 3.0V application at 150mA of output current
can accept a maximum input voltage of 5.4V in a SOT-
23-5 package. For a full discussion of heat sinking and
thermal effects on voltage regulators, refer to the
“Regulator Thermals” section of Micrel’s Designing with
Low-Dropout Voltage Regulators
handbook.
Fixed Regulator Applications
Figure 1. Low-Noise Fixed Voltage Application
Figure 1 shows a standard low-noise configuration with a
47kΩ pull-up resistor from the error flag to the input
voltage and a pull-down capacitor to ground for the
purpose of fault indication. EN (Pin 3) is connected to IN
(Pin 1) for an application where enable/shutdown is not
required. COUT = 1.0µF minimum.


Similar Part No. - MIC5256-3.0YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5256-3.0BM5 MICREL-MIC5256-3.0BM5 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
More results

Similar Description - MIC5256-3.0YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5254 MICREL-MIC5254_07 Datasheet
377Kb / 11P
   Dual 150mA 關Cap LDO with Error Flag Outputs
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
   DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
   150mA RF ULDO REGULATOR WITH ERROR FLAG
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5306 MICREL-MIC5306_06 Datasheet
274Kb / 8P
   150mA Micropower 關Cap Baseband LDO
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com