Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC66358A Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC66358A
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66358A Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC66358A Datasheet HTML 7Page - Sanyo Semicon Device LC66358A Datasheet HTML 8Page - Sanyo Semicon Device LC66358A Datasheet HTML 9Page - Sanyo Semicon Device LC66358A Datasheet HTML 10Page - Sanyo Semicon Device LC66358A Datasheet HTML 11Page - Sanyo Semicon Device LC66358A Datasheet HTML 12Page - Sanyo Semicon Device LC66358A Datasheet HTML 13Page - Sanyo Semicon Device LC66358A Datasheet HTML 14Page - Sanyo Semicon Device LC66358A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Continued from preceding page.
Note: 1. With the output Nch transistor off in shared I/O ports with the open-drain output specifications. These pins cannot be used as input pins if the
CMOS output specifications are selected.
2. With the output Nch transistor off in shared I/O ports with the open-drain output specifications. The rating for the pull-up output specification pins is
stipulated in terms of the output pull-up current IPO. These pins cannot be used as input pins if the CMOS output specifications are selected.
3. With the output Nch transistor off for CMOS output specification pins.
4. With the output Nch transistor off for pull-up output specification pins.
5. With the output Nch transistor off for open-drain output specification pins.
6. Reset state
Figure 1 External Clock Input Waveform
Figure 2 Ceramic Oscillator Circuit
Figure 3 Oscillator Stabilization Period
Table 1 Guaranteed Ceramic Oscillator Constants
No. 5484-11/21
LC66354C, 66356C, 66358C
Parameter
Symbol
Conditions
min
typ
max
Unit
Note
[Pulse conditions]
INT0: Figure 6, conditions under which the INT0
INT0 high and low-level
t
IOH, tIOL
interrupt can be accepted, conditions under
2
Tcyc
which the timer 0 event counter or pulse width
measurement input can be accepted
High and low-level pulse widths
t
IIH, tIIL
INT1, INT2: Figure 6, conditions under which
2
Tcyc
for interrupt inputs other than INT0
the corresponding interrupt can be accepted
PIN1 high and low-level
t
PINH, tPINL
PIN1: Figure 6, conditions under which the
2
Tcyc
pulse widths
timer 1 event counter input can be accepted
RES high and low-level
t
RSH, tRSL
RES: Figure 6, conditions under which reset
3
Tcyc
pulse widths
can be applied.
Comparator response speed
TRS
PD: Figure 7, VDD = 3.0 to 5.5 V
20
ms
Operating current drain
I
DD OP
VDD: 4-MHz ceramic oscillator
3.0
5.0
mA
6
VDD: 4-MHz external clock
3.0
5.0
mA
Halt mode current drain
I
DDHALT
VDD: 4-MHz ceramic oscillator
1.0
2.0
mA
VDD: 4-MHz external clock
1.0
2.0
mA
Hold mode current drain
IDDHOLD
VDD: VDD = 1.8 to 5.5 V
0.01
10
µA
4 MHz
C1 = 33 pF ± 10%
4 MHz
C1 = 33 pF ± 10%
(Murata Mfg. Co., Ltd.)
C2 = 33 pF ± 10%
(Kyocera Corporation)
C2 = 33 pF ± 10%
CSA4.00MG
Rd = 0 Ω
KBR4.0MS
Rd = 0 Ω
textL
OPEN
(OSC2)
OSC1
textR
textF
VSS
VDD
0.2VDD
0.8VDD
1/fext
textH
External clock
OSC2
OSC1
C1
C2
Rd
Ceramic
oscillator
VDD
OSC
0V
Oscillator
unstable period
t
Stable oscillation
Operating V
minimum value
CFS
DD


Similar Part No. - LC66358A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66358A SANYO-LC66358A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66358A SANYO-LC66358A Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66358A SANYO-LC66358A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66358A SANYO-LC66358A Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66358A SANYO-LC66358A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
More results

Similar Description - LC66358A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com