Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5305 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5305
Description  150mA 關Cap Ultra-Low Dropout LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5305 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5305_07 Datasheet HTML 4Page - Micrel Semiconductor MIC5305_07 Datasheet HTML 5Page - Micrel Semiconductor MIC5305_07 Datasheet HTML 6Page - Micrel Semiconductor MIC5305_07 Datasheet HTML 7Page - Micrel Semiconductor MIC5305_07 Datasheet HTML 8Page - Micrel Semiconductor MIC5305_07 Datasheet HTML 9Page - Micrel Semiconductor MIC5305_07 Datasheet HTML 10Page - Micrel Semiconductor MIC5305_07 Datasheet HTML 11Page - Micrel Semiconductor MIC5305_07 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Micrel, Inc.
MIC5305
June 2007
10
M9999-062507
Table 1 shows junction-to-ambient thermal resistance for
the MIC5305 in the 6-pin 2mm × 2mm MLF
® package.
Package
θJA Recommended
Minimum Footprint
θJC
6-Pin 2x2 MLF
®
93°C/W
2°C/W
Table 1. Thermal Resistance
Substituting PD for PD(max) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit. The junction-to-
ambient thermal resistance for the minimum footprint
(the minimum amount of copper that you can solder the
part to) is 93°C/W, from Table 1. The maximum power
dissipation must not be exceeded for proper operation.
For example, when operating the MIC5305-2.9BML at
an input voltage of 5.0V and 150mA load with a
minimum footprint layout, the maximum ambient
operating temperature TA can be determined as follows:
C/W
93
T
C
125
0.32W
A
°
°
=
TA = 95.2°C
Therefore, a 2.9V application at 150mA of output current
can accept an ambient operating temperature of 95.2°C
in a 6-pin 2mm x 2mm MLF
® package. For a full dis-
cussion of heat sinking and thermal effects on voltage
regulators, refer to the “Regulator Thermals” section of
Micrel’s Designing with Low-Dropout Voltage Regulators
handbook. This information can be found on Micrel's
website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf


Similar Part No. - MIC5305_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5305-1.5BD5 MICREL-MIC5305-1.5BD5 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5305-1.5BML MICREL-MIC5305-1.5BML Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5305-1.8BD5 MICREL-MIC5305-1.8BD5 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5305-1.8BML MICREL-MIC5305-1.8BML Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5305-2.5BD5 MICREL-MIC5305-2.5BD5 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
More results

Similar Description - MIC5305_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com