Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5271-3.0BM5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5271-3.0BM5
Description  關Cap Negative Low-Dropout Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5271-3.0BM5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5271-3.0BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5271-3.0BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5271-3.0BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5271-3.0BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5271-3.0BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5271-3.0BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5271-3.0BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5271-3.0BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5271-3.0BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2003
1
MIC5271
MIC5271
Micrel
MIC5271
µCap Negative Low-Dropout Regulator
General Description
The MIC5271 is a µCap 100mA negative regulator in a
SOT-23-5 package. With better than 2% initial accuracy, this
regulator provides a very accurate supply voltage for applica-
tions that require a negative rail. The MIC5271 sinks 100mA
of output current at very low dropout voltage (600mV maxi-
mum at 100mA of output current).
The µCap regulator design is optimized to work with low-
value, low-cost ceramic capacitors. The output typically re-
quires only a 1µF capacitance for stability.
Designed for applications where small packaging and effi-
ciency are critical, the MIC5271 combines LDO design exper-
tise with IttyBittypackaging to improve performance and
reduce power dissipation. Ground current is optimized to help
improve battery life in portable applications. The MIC5271
also includes a TTL-compatible enable pin, allowing the user
to put the part into a zero-current off-mode.
The MIC5271 is available in the SOT-23-5 package for space
saving applications and it is available with an adjustable
output.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Typical Application
Features
• Stable with ceramic or tantalum capacitor
• Positive and negative enable thresholds
• Low dropout voltage: 500mV @ 100mA
• Low ground current: 35µA @ load = 100µA
• Tight initial accuracy: ±2%
• Tight load and line regulation
• Thermal shutdown
• Current limiting
• IttyBittySOT-23-5 packaging
• Zero-current off-mode
Applications
• GaAsFET bias
• Portable cameras and video recorders
• PDAs
• Battery-powered equipment
• Post-regulation of DC-DC converters
IttyBitty is a registered trademark of Micrel, Inc.
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Ordering Information
Part Number
Marking
Voltage*
Junction Temp. Range
Package
MIC5271BM5
L9AA
Adj.
–40°C to +125°C
SOT-23-5
MIC5271-3.0BM5
L930
–3.0V
–40°C to +125°C
SOT-23-5
MIC5271-5.0BM5
L950
–5.0V
–40°C to +125°C
SOT-23-5
* For other voltage options, please contact Micrel Marketing.
MIC5271BM5
GND
EN
–OUT
–IN
1µF
10µF
–5.0V
–6.0V
VIN
2
5
1
4
3
V
R1
R2
OUT
ADJ
Regulator With Adjustable Output
-5
-4
-3
-2
-1
0
1
2
3
4
5
-3
-5
-7
-9
-11 -13 -15
SUPPLY VOLTAGE (V)
Enable Input
Regulator On
Regulator On
Regulator Off


Similar Part No. - MIC5271-3.0BM5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5271-3.0YM5-TR MICROCHIP-MIC5271-3.0YM5-TR Datasheet
2Mb / 20P
   關Cap Negative Low Dropout Regulator
09/14/21
More results

Similar Description - MIC5271-3.0BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5270 MICREL-MIC5270_05 Datasheet
534Kb / 8P
   關Cap Negative Low-Dropout Regulator
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
   關Cap Negative Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
   關Cap 80mA Low-Dropout Regulator
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
Micrel Semiconductor
MIC5213 MICREL-MIC5213_04 Datasheet
56Kb / 8P
   Teeny SC-70 關Cap Low-Dropout Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com