Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5256-2.9BM5 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5256-2.9BM5
Description  150mA 關Cap LDO with Error Flag
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5256-2.9BM5 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5256-2.9BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5256-2.9BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5256-2.9BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5256-2.9BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5256-2.9BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5256-2.9BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5256-2.9BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5256-2.9BM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5256-2.9BM5 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micrel, Inc.
MIC5256
August 2010
6
M9999-080510
Typical Characteristics
100
105
110
115
120
125
130
0.1
1
10
100
1000
OUTPUT CURRENT (mA)
Ground Pin Current
V
IN
= V
OUT
+ 1V
0
20
40
60
80
100
120
140
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
INPUT VOLTAGE (V)
Ground Pin Current
I
LOAD
= 150mA
0
0.5
1
1.5
2
2.5
3
3.5
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
INPUT VOLTAGE (V)
Dropout Characteristics
I
LOAD
= 150mA
I
LOAD
= 100µA
0
20
40
60
80
100
120
140
160
180
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Dropout Voltage
I
LOAD
= 150mA
0
20
40
60
80
100
120
140
160
180
0 20 40 60 80 100 120 140 160
OUTPUT CURRENT (mA)
Dropout Voltage
T = –40C
T = 25C
T = 125C


Similar Part No. - MIC5256-2.9BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5256-2.6BM5 MICREL-MIC5256-2.6BM5 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5256-2.7BM5 MICREL-MIC5256-2.7BM5 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5256-2.85BD5 MICREL-MIC5256-2.85BD5 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5256-2.85BM5 MICREL-MIC5256-2.85BM5 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5256-2.8BM5 MICREL-MIC5256-2.8BM5 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
More results

Similar Description - MIC5256-2.9BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5254 MICREL-MIC5254_07 Datasheet
377Kb / 11P
   Dual 150mA 關Cap LDO with Error Flag Outputs
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
   DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
   150mA RF ULDO REGULATOR WITH ERROR FLAG
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5306 MICREL-MIC5306_06 Datasheet
274Kb / 8P
   150mA Micropower 關Cap Baseband LDO
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com