Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5247-1.8BD5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5247-1.8BD5
Description  150mA Low-Voltage 關Cap Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5247-1.8BD5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5247-1.8BD5 Datasheet HTML 1Page - Micrel Semiconductor MIC5247-1.8BD5 Datasheet HTML 2Page - Micrel Semiconductor MIC5247-1.8BD5 Datasheet HTML 3Page - Micrel Semiconductor MIC5247-1.8BD5 Datasheet HTML 4Page - Micrel Semiconductor MIC5247-1.8BD5 Datasheet HTML 5Page - Micrel Semiconductor MIC5247-1.8BD5 Datasheet HTML 6Page - Micrel Semiconductor MIC5247-1.8BD5 Datasheet HTML 7Page - Micrel Semiconductor MIC5247-1.8BD5 Datasheet HTML 8Page - Micrel Semiconductor MIC5247-1.8BD5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC5247
Micrel, Inc.
February 2006
1
M9999-022406
General Description
The MIC5247 is an efficient and precise, low-voltage CMOS
voltage regulator optimized for ultra-low noise applications.
The MIC5247 offers better than 1% initial accuracy and
85µA constant ground current over load (typically 85µA).
The MIC5247 provides a very low-noise output, ideal for
RF applications where quiet voltage sources are required.
A noise bypass pin is also available for further reduction of
output noise.
Designed specifically for handheld and battery-powered de-
vices, the MIC5247 provides a logic compatible enable pin.
When disabled, power consumption drops nearly to zero.
The MIC5247 also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power
applications, critical in handheld wireless devices.
Key features include current limit, thermal shutdown, a push-
pull output for faster transient response, and an active clamp
to speed up device turnoff.Available in the 6-pin 2mm × 2mm
MLF™ package and the IttyBitty® SOT-23-5 package, the
MIC5247 also offers a range of fixed output voltages.
All support documentation can be found on Micrel’s web site
at www.micrel.com.
Typical Application
1
5
2
3
4
COUT
CBYP
Enable
Shutdown
EN
VOUT
(optional)
MIC5247-x.xBM5
EN (pin 3) may be
connected directly
to IN (pin 1).
VIN
MIC5247
150mA Low-Voltage µCap Linear Regulator
Features
• Ultra-low noise
• Low-voltage outputs
• Load independent, ultra-low ground current: 85µA
• 150mA output current
• Current limiting
• Thermal shutdown
• Tight load and line regulation
• “Zero” off-mode current
• Stability with low-ESR capacitors
• Fast transient response
• Logic-controlled enable input
Applications
• Cellular phones and pagers
• Cellular accessories
• Battery-powered equipment
• Laptop, notebook, and palmtop computers
• PCMCIA VCC and VPP regulation/switching
• Consumer/personal electronics
• SMPS post-regulator/DC-to-DC modules
• High-efficiency linear power supplies
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MIC5247-x.xBML
1
EN
6
CBYP
(optional)
VIN
VOUT
COUT
5
4
2
3
ENABLE
SHUTDOWN
Ultra-Low-Noise Regulator Application


Similar Part No. - MIC5247-1.8BD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5247-1.8BM5 MICREL-MIC5247-1.8BM5 Datasheet
89Kb / 10P
   150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
More results

Similar Description - MIC5247-1.8BD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5247 MICREL-MIC5247 Datasheet
89Kb / 10P
   150mA Low-Voltage 關Cap Linear Regulator Preliminary Information
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
   Low Input Voltage 150mA Linear Regulator
MP2000 MPS-MP2000_06 Datasheet
232Kb / 7P
   Low Input Voltage 150mA Linear Regulator
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
First Silicon Co., Ltd
FC6160 FS-FC6160 Datasheet
410Kb / 8P
   150mA High Voltage Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com