Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5203-4.0YM5 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5203-4.0YM5
Description  關Cap 80mA Low-Dropout Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5203-4.0YM5 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5203-4.0YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5203-4.0YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5203-4.0YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5203-4.0YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5203-4.0YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5203-4.0YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5203-4.0YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5203-4.0YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5203-4.0YM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Micrel, Inc.
MIC5203
November 2009
2
M9999-111909
Ordering Information(1)
Part Number
Standard
Marking
Pb-Free
Marking
Voltage
Temperature Range
Package
MIC5203-2.6BM4
LA26
MIC5203-2.6YM4
LA26
2.6V
–40° to +125°C
SOT-143
MIC5203-2.8BM4
LA28
MIC5203-2.8YM4
LA28
2.8V
–40° to +125°C
SOT-143
MIC5203-3.0BM4
LA30
MIC5203-3.0YM4
LA30
3.0V
–40° to +125°C
SOT-143
MIC5203-3.3BM4
LA33
MIC5203-3.3YM4
LA33
3.3V
–40° to +125°C
SOT-143
MIC5203-3.6BM4
LA36
MIC5203-3.6YM4
LA36
3.6V
–40° to +125°C
SOT-143
MIC5203-3.8BM4
LA38
MIC5203-3.8YM4
LA38
3.8V
–40° to +125°C
SOT-143
MIC5203-4.0BM4
LA40
MIC5203-4.0YM4
LA40
4.0V
–40° to +125°C
SOT-143
MIC5203-4.5BM4
LA45
MIC5203-4.5YM4
LA45
4.5V
–40° to +125°C
SOT-143
MIC5203-4.7BM4
LA47
MIC5203-4.7YM4
LA47
4.7V
–40° to +125°C
SOT-143
MIC5203-5.0BM4
LA50
MIC5203-5.0YM4
LA50
5.0V
–40° to +125°C
SOT-143
MIC5203-2.6BM5
LK26
MIC5203-2.6YM5
LK26
2.6V
–40° to +125°C
SOT-23-5
MIC5203-2.8BM5
LK28
MIC5203-2.8YM5
LK28
2.8V
–40° to +125°C
SOT-23-5
MIC5203-3.0BM5
LK30
MIC5203-3.0YM5
LK30
3.0V
–40° to +125°C
SOT-23-5
MIC5203-3.3BM5
LK33
MIC5203-3.3YM5
LK33
3.3V
–40° to +125°C
SOT-23-5
MIC5203-3.6BM5
LK36
MIC5203-3.6YM5
LK36
3.6V
–40° to +125°C
SOT-23-5
MIC5203-3.8BM5
LK38
MIC5203-3.8YM5
LK38
3.8V
–40° to +125°C
SOT-23-5
MIC5203-4.0BM5
LK40
MIC5203-4.0YM5
LK40
4.0V
–40° to +125°C
SOT-23-5
MIC5203-4.5BM5
LK45
MIC5203-4.5YM5
LK45
4.5V
–40° to +125°C
SOT-23-5
MIC5203-4.7BM5
LK47
MIC5203-4.7YM5
LK47
4.7V
–40° to +125°C
SOT-23-5
MIC5203-5.0BM5
LK50
MIC5203-5.0YM5
LK50
5.0V
–40° to +125°C
SOT-23-5
Note:
1. Other Voltage available. Contact Micrel for details.


Similar Part No. - MIC5203-4.0YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5203-4.0BM4 MICREL-MIC5203-4.0BM4 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
MIC5203-4.0BM5 MICREL-MIC5203-4.0BM5 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC5203-4.0YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
MIC5211 MICREL-MIC5211_05 Datasheet
1Mb / 9P
   Dual 關Cap 80mA LDO Regulator
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
   關Cap Negative Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC5270 MICREL-MIC5270_05 Datasheet
534Kb / 8P
   關Cap Negative Low-Dropout Regulator
MIC5271 MICREL-MIC5271 Datasheet
123Kb / 10P
   關Cap Negative Low-Dropout Regulator
logo
Semtech Corporation
SC5203 SEMTECH-SC5203 Datasheet
115Kb / 4P
   80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com