Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5203-2.8YM5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5203-2.8YM5
Description  關Cap 80mA Low-Dropout Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5203-2.8YM5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5203-2.8YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5203-2.8YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5203-2.8YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5203-2.8YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5203-2.8YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5203-2.8YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5203-2.8YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5203-2.8YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5203-2.8YM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MIC5203
μCap 80mA Low-Dropout Regulator
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC5203 is a µCap 80mA linear voltage regulator with
very low dropout voltage (typically 20mV at light loads and
300mV at 80mA) and very low ground current (225µA at
20mA output), offering better than 3% initial accuracy with
a logic-compatible enable input.
TheµCap regulator design is optimized to work with low-
value, low-cost ceramic capacitors. The outputs typically
require only 0.47µF of output capacitance for stability.
Designed especially for hand-held, battery-powered
devices, the MIC5203 can be controlled by a CMOS or
TTL compatible logic signal. When disabled, power
consumption drops nearly to zero. If on-off control is not
required, the enable pin may be tied to the input for 3-
terminal operation. The ground current of the MIC5203
increases only slightly in dropout, further prolonging
battery life. Key MIC5203 features include current limiting,
overtemperature
shutdown,
and
protection
against
reversed battery.
The MIC5203 is available in 2.8V, 3.0V, 3.3V, 3.6V, 3.8V,
4.0V, 4.5V, 4.75V, and 5.0V fixed voltages. Other voltages
are available.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Tiny 4- and 5-lead surface-mount packages
• Wide selection of output voltages
• Guaranteed 80mA output
• Low quiescent current
• Low dropout voltage
• Low temperature coefficient
• Current and thermal limiting
• Reversed input polarity protection
• Zero off-mode current
• Logic-controlled shutdown
• Stability with low-ESR ceramic capacitors
Applications
• Cellular telephones
• Laptop, notebook, and palmtop computers
• Battery-powered equipment
• Barcode scanners
• SMPS post-regulator/DC-to-DC modules
• High-efficiency linear power supplies
_________________________________________________________________________________________________________________________
Typical Application
Enable
Shutdown
LAxx
VOUT
0.47µF
15
2
34
0.47µF
VOUT
Enable
Shutdown
SOT-143 Version
SOT-23-5 Version
November 2009
M9999-111909


Similar Part No. - MIC5203-2.8YM5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5203-2.8YM4-TR MICROCHIP-MIC5203-2.8YM4-TR Datasheet
1Mb / 20P
   關Cap 80 mA LDO Regulator
09/14/21
More results

Similar Description - MIC5203-2.8YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
MIC5211 MICREL-MIC5211_05 Datasheet
1Mb / 9P
   Dual 關Cap 80mA LDO Regulator
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
   關Cap Negative Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC5270 MICREL-MIC5270_05 Datasheet
534Kb / 8P
   關Cap Negative Low-Dropout Regulator
MIC5271 MICREL-MIC5271 Datasheet
123Kb / 10P
   關Cap Negative Low-Dropout Regulator
logo
Semtech Corporation
SC5203 SEMTECH-SC5203 Datasheet
115Kb / 4P
   80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com