Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5238-1.1YD5 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5238-1.1YD5
Description  Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5238-1.1YD5 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5238-1.1YD5 Datasheet HTML 4Page - Micrel Semiconductor MIC5238-1.1YD5 Datasheet HTML 5Page - Micrel Semiconductor MIC5238-1.1YD5 Datasheet HTML 6Page - Micrel Semiconductor MIC5238-1.1YD5 Datasheet HTML 7Page - Micrel Semiconductor MIC5238-1.1YD5 Datasheet HTML 8Page - Micrel Semiconductor MIC5238-1.1YD5 Datasheet HTML 9Page - Micrel Semiconductor MIC5238-1.1YD5 Datasheet HTML 10Page - Micrel Semiconductor MIC5238-1.1YD5 Datasheet HTML 11Page - Micrel Semiconductor MIC5238-1.1YD5 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Micrel, Inc.
MIC5238
November 2008
10
M9999-111209
Dual Supply Mode Efficiency
By utilizing a bias supply the conversion efficiency can be
greatly enhanced. This can be realized as the higher bias
supply will only consume a few µA’s while the input supply
will require a few mA’s. This equates to higher efficiency
saving valuable power in the system. As an example,
consider an output voltage of 1V with an input supply of
2.5V at a load current of 150mA. The input ground current
under these conditions is 2mA, while the bias current is
only 20µA. If we calculate the conversion efficiency using
the single supply approach, it is as follows:
Input power = VIN × output current + VIN × (VBIAS ground
current + VIN ground current)
Input power = 2.5V × 150mA + 2.5 × (0.0002+0.002) =
380.5mW
Output power = 1V × 0.15 = 150mW
Efficiency = 150/380.5 × 100 = 39.4%
Now, using a lower input supply of 1.5V, and powering the
bias voltage only from the 2.5V input, the efficiency is as
follows:
Input power = VIN × output current + VIN × VIN ground
current + VBIAS x VBIAS ground current
Input power = 1.5 × 150mA + 1.5 × 0.002 + 2.5 × 0.0002 =
225mW
Output power = 1V × 150mA = 150mW
Efficiency = 150/225 × 100 = 66.6 %
Therefore, by using the dual supply MIC5238 LDO the
efficiency is nearly doubled over the single supply version.
This is a valuable asset in portable power management
applications equating to longer battery life and less heat
being generated in the application.
This in turn will allow a smaller footprint design and an
extended operating life.


Similar Part No. - MIC5238-1.1YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238-1.1BD5 MICREL-MIC5238-1.1BD5 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5238-1.1BM5 MICREL-MIC5238-1.1BM5 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
More results

Similar Description - MIC5238-1.1YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com