Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5238-1.3YM5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5238-1.3YM5
Description  Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5238-1.3YM5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5238-1.3YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5238-1.3YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5238-1.3YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5238-1.3YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5238-1.3YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5238-1.3YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5238-1.3YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5238-1.3YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5238-1.3YM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC5238
Ultra-Low Quiescent Current, 150mA
µCap LDO Regulator
IttyBitty is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC5238 is an ultra-low voltage output, 150mA LDO
regulator. Designed to operate in a single supply or dual
supply mode, the MIC5238 consumes only 23µA of bias
current, improving efficiency. When operating in the dual
supply mode, the efficiency greatly improves as the higher
voltage supply is only required to supply the 23µA bias
current while the output and base drive comes off of the
much lower input supply voltage.
As a µCap regulator, the MIC5238 operates with a 2.2µF
ceramic capacitor on the output, offering a smaller overall
solution. It also incorporates a logic-level enable pin that
allows the MIC5238 to be put into a zero off-current mode
when disabled.
The MIC5238 is fully protected with current limit and
thermal shutdown. It is offered in the IttyBitty
® SOT-23-5
package with an operating junction temperature range of
–40°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Ultra-low input voltage range:1.5V to 6V
• Ultra-low output voltage:1.0V minimum output voltage
• Low dropout voltage: 310mV at 150mA
• High output accuracy: ±2.0% over temperature
• µCap: stable with ceramic or tantalum capacitors
• Excellent line and load regulation specifications
• Zero shutdown current
• Reverse leakage protection
• Thermal shutdown and current limit protection
• IttyBitty® SOT-23-5 package
Applications
• PDAs and pocket PCs
• Cellular phones
• Battery powered systems
• Low power microprocessor power supplies
___________________________________________________________________________________________________________
Typical Application
Ultra-Low Voltage Application
November 2009
M9999-111209


Similar Part No. - MIC5238-1.3YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238-1.3BD5 MICREL-MIC5238-1.3BD5 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5238-1.3BM5 MICREL-MIC5238-1.3BM5 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
More results

Similar Description - MIC5238-1.3YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com