Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5239-1.8BM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5239-1.8BM
Description  Low Quiescent Current 500mA 關Cap LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239-1.8BM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5239-1.8BM Datasheet HTML 6Page - Micrel Semiconductor MIC5239-1.8BM Datasheet HTML 7Page - Micrel Semiconductor MIC5239-1.8BM Datasheet HTML 8Page - Micrel Semiconductor MIC5239-1.8BM Datasheet HTML 9Page - Micrel Semiconductor MIC5239-1.8BM Datasheet HTML 10Page - Micrel Semiconductor MIC5239-1.8BM Datasheet HTML 11Page - Micrel Semiconductor MIC5239-1.8BM Datasheet HTML 12Page - Micrel Semiconductor MIC5239-1.8BM Datasheet HTML 13Page - Micrel Semiconductor MIC5239-1.8BM Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Micrel
MIC5239
December 2007
11
M9999-121007
∆T = TJ(max) – TA(max)
TJ(max) = 125°C
TA(max) = maximum ambient operating
temperature
For example, the maximum ambient temperature is
50°C, the ∆T is determined as follows:
∆T = 125°C – 50°C
∆T = 75°C
Using Figure 6, the minimum amount of required copper
can be determined based on the required power
dissipation. Power dissipation in a linear regulator is
calculated as follows:
PD = (VIN – VOUT) IOUT + VIN × IGND
If we use a 3V output device and a 28V input at
moderate output current of 25mA, then our power
dissipation is as follows:
PD = (28V – 3V) × 25mA + 28V 250µA
PD = 625mW + 7mW
PD = 632mW
From Figure 6, the minimum amount of copper required
to operate this application at a ∆T of 75°C is 110mm
2.
Quick Method
Determine the power dissipation requirements for the
design along with the maximum ambient temperature at
which the device will be operated. Refer to Figure 7,
which shows safe operating curves for three different
ambient temperatures: 25°C, 50°C and 85°C. From
these curves, the minimum amount of copper can be
determined by knowing the maximum power dissipation
required. If the maximum ambient temperature is 50°C
and the power dissipation is as above, 639mW, the
curve in Figure 7 shows that the required area of copper
is 110mm
2.
The θJA of this package is ideally 80°C/W, but it will vary
depending upon the availability of copper ground plane
to which it is attached.
Figure 7. Copper Area vs. Power-MSOP
Power Dissipation (T
A)
Figure 8. Copper Area vs. Power-SOIC
Power Dissipation (∆T
JA)
Figure 9. Copper Area vs. Power-SOIC
Power Dissipation (T
A)
The same method of determining the heatsink area used
for the power MSOP-8 can be applied directly to the
power SOIC-8. The same two curves showing power
dissipation versus copper area are reproduced for the
power SOIC-8 and they can be applied identically.
Power SOIC-8 Thermal Characteristics
The power SOIC-8 package follows the same idea as
the power MSOP-8 package, using four ground leads
with the die attach paddle to create a single-piece
electrical and thermal conductor, reducing thermal
resistance and increasing power dissipation capability.
Quick Method
Determine the power dissipation requirements for the
design along with the maximum ambient temperature at
which the device will be operated. Refer to Figure 9,
which shows safe operating curves for three different
ambient temperatures, 25°C, 50°C, and 85°C. From
these curves, the minimum amount of copper can be
determined by knowing the maximum power dissipation
required. If the maximum ambient temperature is 50°C,
and the power dissipation is 632mW, the curve in Figure
9 shows that the required area of copper is less than
100mm2, when using the power SOIC-8.


Similar Part No. - MIC5239-1.8BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239-3.0BM MICREL-MIC5239-3.0BM Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5239-3.0BMM MICREL-MIC5239-3.0BMM Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5239-3.0BS MICREL-MIC5239-3.0BS Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
More results

Similar Description - MIC5239-1.8BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5232 MICREL-MIC5232_08 Datasheet
365Kb / 10P
   10mA Ultra-Low Quiescent Current 關Cap LDO
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_14 Datasheet
107Kb / 5P
   500mA Low Quiescent Current CMOS LDO
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com