Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5238-1.1YM5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5238-1.1YM5
Description  Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5238-1.1YM5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5238-1.1YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5238-1.1YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5238-1.1YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5238-1.1YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5238-1.1YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5238-1.1YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5238-1.1YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5238-1.1YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5238-1.1YM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel, Inc.
MIC5238
November 2008
4
M9999-111209
Electrical Characteristics
(4) cont.
TA = 25°C with VIN = VOUT + 1V; VBIAS = 3.3V; IOUT = 100µA; VEN = 2V, bold values indicate –40°C < TJ < +125°C, unless
specified.
Parameter
Condition
Min
Typ
Max
Units
Enable Input
Input Low Voltage
Regulator OFF
0.2
V
Input High Voltage
Regulator ON
2.0
V
VEN = 0.2V, Regulator OFF
–1.0
0.01
1.0
µA
Enable Input Current
VEN = 0.2V, Regulator ON
0.1
1.0
µA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Specification for packaged product only.
5. Line regulation measures a change in output voltage due to a change in the bias voltage.
6. Current measured from bias input to ground.
7. Current differential between output current and main input current at rated load current.


Similar Part No. - MIC5238-1.1YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238-1.1BD5 MICREL-MIC5238-1.1BD5 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5238-1.1BM5 MICREL-MIC5238-1.1BM5 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
More results

Similar Description - MIC5238-1.1YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com