Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5205-3.6YM5 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5205-3.6YM5
Description  150mA Low-Noise LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5205-3.6YM5 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5205-3.6YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5205-3.6YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5205-3.6YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5205-3.6YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5205-3.6YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5205-3.6YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5205-3.6YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5205-3.6YM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5205-3.6YM5 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Micrel
MIC5205
February 2006
8
M9999-020806
(408) 955-1690
Application Information
Enable/Shutdown
Forcing EN (enable/shutdown) high (> 2V) enables the
regulator. EN is compatible with CMOS logic gates.
If the enable/shutdown feature is not required, connect
EN (pin 3) to IN (supply input, pin 1). See Figure 1.
Input Capacitor
A 1µF capacitor should be placed from IN to GND if
there is more than 10 inches of wire between the input
and the ac filter capacitor or if a battery is used as the
input.
Reference Bypass Capacitor
BYP (reference bypass) is connected to the internal
voltage reference. A 470pF capacitor (CBYP) connected
from BYP to GND quiets this reference, providing a
significant reduction in output noise. CBYP reduces the
regulator phase margin; when using CBYP, output
capacitors of 2.2µF or greater are generally required to
maintain stability.
The start-up speed of the MIC5205 is inversely
proportional to the size of the reference bypass
capacitor. Applications requiring a slow ramp-up of
output voltage should consider larger values of CBYP.
Likewise, if rapid turn-on is necessary, consider omitting
CBYP.
If output noise is not a major concern, omit CBYP and
leave BYP open.
Output Capacitor
An output capacitor is required between OUT and GND
to prevent oscillation. The minimum size of the output
capacitor is dependent upon whether a reference bypass
capacitor is used. 1.0µF minimum is recommended
when CBYP is not used (see Figure 2). 2.2µF minimum is
recommended when CBYP is 470pF (see Figure 1).
Larger
values
improve
the
regulator’s
transient
response. The output capacitor value may be increased
without limit.
The output capacitor should have an ESR (effective
series resistance) of about 5Ω or less and a resonant
frequency above 1MHz. Ultra-low-ESR capacitors can
cause a low amplitude oscillation on the output and/or
underdamped transient response. Most tantalum or
aluminum electrolytic capacitors are adequate; film types
will work, but are more expensive. Since many aluminum
electrolytics have electrolytes that freeze at about –
30
°C, solid tantalums are recommended for operation
below –25
°C.
At lower values of output current, less output
capacitance is required for output stability. The capacitor
can be reduced to 0.47
⎧F for current below 10mA or
0.33µF for currents below 1mA.
No-Load Stability
The MIC5205 will remain stable and in regulation with no
load (other than the internal voltage divider) unlike many
other voltage regulators. This is especially important in
CMOS RAM keep-alive applications.
Thermal Considerations
The MIC5205 is designed to provide 150mA of
continuous current in a very small package. Maximum
power dissipation can be calculated based on the output
current and the voltage drop across the part. To
determine the maximum power dissipation of the
package, use the junction-to-ambient thermal resistance
of the device and the following basic equation:
(
)
JA
A
J(max)
D(max)
θ
T
T
P
=
TJ(max) is the maximum junction temperature of the die,
125
°C, and TA is the ambient operating temperature. θJA
is layout dependent; Table 1 shows examples of
junction-toambient thermal resistance for the MIC5205.
Package
θJA
Recommended
Minimum
Footprint
θJA Square
Copper Clad
θJC
SOT-23-5(M5)
220°C/W
170°C/W
130°C/W
Table 1. SOT-23-5 Thermal Resistance
The actual power dissipation of the regulator circuit can
be determined using the equation:
PD = (VIN – VOUT) IOUT + VIN IGND
Substituting PD(max) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit.
For example, when operating the MIC5205-3.3BM5 at
room temperature with a minimum footprint layout, the
maximum input voltage for a set output current can be
determined as follows:
(
)
455mW
P
C/W
220
C
25
C
125
P
D(max)
D(max)
=
°
°
°
=
The junction-to-ambient thermal resistance for the
minimum footprint is 220
°C/W, from Table 1. The
maximum power dissipation must not be exceeded for
proper operation. Using the output voltage of 3.3V and
an output current of 150mA, the maximum input voltage
can be determined. From the Electrical Characteristics
table, the maximum ground current for 150mA output
current is 2500µA or 2.5mA.
455mW = (VIN – 3.3V) 150mA + VIN·2.5mA
455mW = VIN×150mA – 495mW + VIN·2.5mA
950mW = VIN×152.5mA


Similar Part No. - MIC5205-3.6YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5205-3.6BM5 MICREL-MIC5205-3.6BM5 Datasheet
99Kb / 12P
   150mA Low-Noise LDO Regulator
MIC5205-3.6BM5 MICREL-MIC5205-3.6BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
MIC5205-3.6BM5 MICREL-MIC5205-3.6BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
MIC5205-3.6BM5 MICREL-MIC5205-3.6BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
More results

Similar Description - MIC5205-3.6YM5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com