Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5203-3.8YM4 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5203-3.8YM4
Description  關Cap 80mA Low-Dropout Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5203-3.8YM4 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5203-3.8YM4 Datasheet HTML 1Page - Micrel Semiconductor MIC5203-3.8YM4 Datasheet HTML 2Page - Micrel Semiconductor MIC5203-3.8YM4 Datasheet HTML 3Page - Micrel Semiconductor MIC5203-3.8YM4 Datasheet HTML 4Page - Micrel Semiconductor MIC5203-3.8YM4 Datasheet HTML 5Page - Micrel Semiconductor MIC5203-3.8YM4 Datasheet HTML 6Page - Micrel Semiconductor MIC5203-3.8YM4 Datasheet HTML 7Page - Micrel Semiconductor MIC5203-3.8YM4 Datasheet HTML 8Page - Micrel Semiconductor MIC5203-3.8YM4 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
MIC5203
November 2009
5
M9999-111909
Electrical Characteristics (continued)
VIN = VOUT + 1V; IL = 1mA; CL = 0.47μF; VEN ≥ 2.0V; TJ = 25°C, bold values indicate –40°C≤ TJ ≤ +125°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Enable Input
VIL
Logic low (off)
0.6
VIH
Enable input voltage level
Logic high (on)
2.0
V
IIL
VIL ≤ 0.6V
0.01
1
IIH
Enable input current
VIH ≥ 2.0V
15
50
μA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation at any TA (ambient temperature) is PD(MAX) = (TJ(MAX) – TA) ÷ θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. The
θJA is 250°C/W for the SOT-143 and 220°C/W
for the SOT-23-5 mounted on a printed circuit board.
4. Output voltage temperature coefficient is defined as the worst-case voltage change divided by the total temperature range.
5. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load range from
0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
6. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V differential.
7. Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply is the sum of the load
current plus the ground pin current.
8. Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 150mA load pulse at VIN = 16V for t = 10ms.


Similar Part No. - MIC5203-3.8YM4

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5203-3.8BM4 MICREL-MIC5203-3.8BM4 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
MIC5203-3.8BM5 MICREL-MIC5203-3.8BM5 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC5203-3.8YM4

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
MIC5211 MICREL-MIC5211_05 Datasheet
1Mb / 9P
   Dual 關Cap 80mA LDO Regulator
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
   關Cap Negative Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC5270 MICREL-MIC5270_05 Datasheet
534Kb / 8P
   關Cap Negative Low-Dropout Regulator
MIC5271 MICREL-MIC5271 Datasheet
123Kb / 10P
   關Cap Negative Low-Dropout Regulator
logo
Semtech Corporation
SC5203 SEMTECH-SC5203 Datasheet
115Kb / 4P
   80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com