Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5219-3.0BM5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5219-3.0BM5
Description  500mA-Peak Output LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5219-3.0BM5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5219-3.0BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5219-3.0BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5219-3.0BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5219-3.0BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5219-3.0BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5219-3.0BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5219-3.0BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5219-3.0BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5219-3.0BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel, Inc.
MIC5219
June 2009
4
M0371-061809
Electrical Characteristics(3)
VIN = VOUT + 1.0V; COUT = 4.7µF, IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typical Max
Units
VOUT
Output Voltage Accuracy
variation from nominal VOUT
–1
1
%
–2
2
%
ΔVOUT/ΔT
Output Voltage
Note 4
40
ppm/°C
Temperature Coefficient
ΔVOUT/VOUT Line Regulation
VIN = VOUT + 1V to 12V
0.009
0.05
%/V
0.1
ΔVOUT/VOUT Load Regulation
IOUT = 100µA to 500mA, Note 5
0.05
0.5
%
0.7
VIN – VOUT
Dropout Voltage(6)
IOUT = 100µA
10
60
mV
80
IOUT = 50mA
115
175
mV
250
IOUT = 150mA
175
300
mV
400
IOUT = 500mA
350
500
mV
600
IGND
Ground Pin Current(7, 8)
VEN ≥ 3.0V, IOUT = 100µA
80
130
µA
170
VEN ≥ 3.0V, IOUT = 50mA
350
650
µA
900
VEN ≥ 3.0V, IOUT = 150mA
1.8
2.5
mA
3.0
VEN ≥ 3.0V, IOUT = 500mA
12
20
mA
25
Ground Pin Quiescent Current(8)
VEN ≤ 0.4V
0.05
3
µA
VEN ≤ 0.18V
0.10
8
µA
PSRR
Ripple Rejection
f = 120Hz
75
dB
ILIMIT
Current Limit
VOUT = 0V
700
1000
mA
ΔVOUT/ΔPD Thermal Regulation
Note 9
0.05
%/W
eno
Output Noise(10)
IOUT = 50mA, COUT = 2.2µF, CBYP = 0
500
nV/ Hz
IOUT = 50mA, COUT = 2.2µF, CBYP = 470pF
300
nV/ Hz
ENABLE Input
VENL
Enable Input Logic-Low Voltage
VEN = logic low (regulator shutdown)
0.4
V
0.18
VEN = logic high (regulator enabled)
2.0
V
IENL
Enable Input Current
VENL ≤ 0.4V
0.01
–1
µA
VENL ≤ 0.18V
0.01
–2
µA
IENH
VENH ≥ 2.0V
2
5
20
µA
25
Absolute Maximum Ratings(1)
Supply Input Voltage (VIN)..............................–20V to +20V
Power Dissipation (PD)............................. Internally Limited
Junction Temperature (TJ)........................ –40°C to +125°C
Storage Temperature (TS) ........................ –65°C to +150°C
Lead Temperature (Soldering, 5 sec.) ....................... 260°C
Operating Ratings(2)
Supply Input Voltage (VIN)............................ +2.5V to +12V
Enable Input Voltage (VEN)....................................0V to VIN
Junction Temperature (TJ)........................ –40°C to +125°C
Package Thermal Resistance........................... see Table 1


Similar Part No. - MIC5219-3.0BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219-3.0BM5 MICREL-MIC5219-3.0BM5 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219-3.0BM5 MICREL-MIC5219-3.0BM5 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
More results

Similar Description - MIC5219-3.0BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216_07 Datasheet
294Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
logo
Richtek Technology Corp...
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com