Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5236-3.0BMM Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5236-3.0BMM
Description  Low Quiescent Current 關Cap LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5236-3.0BMM Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5236-3.0BMM Datasheet HTML 4Page - Micrel Semiconductor MIC5236-3.0BMM Datasheet HTML 5Page - Micrel Semiconductor MIC5236-3.0BMM Datasheet HTML 6Page - Micrel Semiconductor MIC5236-3.0BMM Datasheet HTML 7Page - Micrel Semiconductor MIC5236-3.0BMM Datasheet HTML 8Page - Micrel Semiconductor MIC5236-3.0BMM Datasheet HTML 9Page - Micrel Semiconductor MIC5236-3.0BMM Datasheet HTML 10Page - Micrel Semiconductor MIC5236-3.0BMM Datasheet HTML 11Page - Micrel Semiconductor MIC5236-3.0BMM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
July 2005
9
MIC5236
MIC5236
Micrel, Inc.
Application Information
The MIC5236 provides all of the advantages of the MIC2950:
wide input voltage range, load dump (positive transients up
to 60V), and reversed-battery protection, with the added ad-
vantages of reduced quiescent current and smaller package.
Additionally, when disabled, quiescent current is reduced to
0.1µA.
Enable
A low on the enable pin disables the part, forcing the quies-
cent current to less than 0.1µA. Thermal shutdown and the
error flag are not functional while the device is disabled. The
maximum enable bias current is 2µAfor a 2.0V input.An open
collector pull-up resistor tied to the input voltage should be
set low enough to maintain 2V on the enable input. Figure 1
shows an open collector output driving the enable pin through
a 200k pull-up resistor tied to the input voltage.
In order to avoid output oscillations, slow transitions from low
to high should be avoided.
COUT
VOUT
VIN
5V
VERR
IN
MIC5236
EN
200k
200k
OUT
GND
SHUTDOWN
ENABLE
ERR
Figure 1. Remote Enable
Input Capacitor
An input capacitor may be required when the device is not
near the source power supply or when supplied by a bat-
tery. Small, surface mount, ceramic capacitors can be used
for bypassing. Larger values may be required if the source
supply has high ripple.
Output Capacitor
The MIC5236 has been designed to minimize the effect of the
output capacitor ESR on the closed loop stability. As a result,
ceramic or film capacitors can be used at the output. Figure 2
displays a range of ESR values for a 10µF capacitor. Virtually
any 10µF capacitor with an ESR less than 3.4Ω is sufficient
for stability over the entire input voltage range. Stability can
also be maintained throughout the specified load and line
conditions with 1µF film or ceramic capacitors.
0
1
2
3
4
5
5
10
15
20
25
30
INPUT VOLTAGE (V)
Stable Region
TJ = 25°C
VOUT = 10µF
Figure 2. Output Capacitor ESR
Error Detection Comparator Output
The ERR pin is an open collector output which goes low when
the output voltage drops 5% below it’s internally programmed
level. It senses conditions such as excessive load (current
limit), low input voltage, and over temperature conditions.
Once the part is disabled via the enable input, the error flag
output is not valid. Overvoltage conditions are not reflected
in the error flag output. The error flag output is also not valid
for input voltages less than 2.3V.
The error output has a low voltage of 400mV at a current of
200µA. In order to minimize the drain on the source used
for the pull-up, a value of 200k to 1MΩ is suggested for the
error flag pull-up. This will guarantee a maximum low voltage
of 0.4V for a 30V pull-up potential. An unused error flag can
be left unconnected.
NOT
VALID
NOT
VALID
VALID ERROR
Error
Output
Input
Voltage
Output
Voltage
4.75V
0V
0V
5V
1.3V
Figure 3. Error Output Timing
Reverse Current Protection
The MIC5236 is designed to limit the reverse current flow
from output to input in the event that the MIC5236 output
has been tied to the output of another power supply. See
the graphs detailing the reverse current flow with the input
grounded and open.
Thermal Shutdown
The MIC5236 has integrated thermal protection. This feature
is only for protection purposes. The device should never be
intentionally operated near this temperature as this may
have detrimental effects on the life of the device. The ther-
mal shutdown may become inactive while the enable input
is transitioning a high to a low. When disabling the device
via the enable pin, transition from a high to low quickly. This
will insure that the output remains disabled in the event of a
thermal shutdown.
Current Limit
Figure 4 displays a method for reducing the steady state
short circuit current. The duration that the supply delivers
current is set by the time required for the error flag output
to discharge the 4.7µF capacitor tied to the enable pin. The
off time is set by the 200K resistor as it recharges the 4.7µF
capacitor, enabling the regulator. This circuit reduces the
short circuit current from 280mA to 15mA while allowing for
regulator restart once the short is removed.


Similar Part No. - MIC5236-3.0BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5236-3.0BMM MICREL-MIC5236-3.0BMM Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
More results

Similar Description - MIC5236-3.0BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5232 MICREL-MIC5232_08 Datasheet
365Kb / 10P
   10mA Ultra-Low Quiescent Current 關Cap LDO
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Micrel Semiconductor
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com