Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5236-2.5BM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5236-2.5BM
Description  Low Quiescent Current 關Cap LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5236-2.5BM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5236-2.5BM Datasheet HTML 1Page - Micrel Semiconductor MIC5236-2.5BM Datasheet HTML 2Page - Micrel Semiconductor MIC5236-2.5BM Datasheet HTML 3Page - Micrel Semiconductor MIC5236-2.5BM Datasheet HTML 4Page - Micrel Semiconductor MIC5236-2.5BM Datasheet HTML 5Page - Micrel Semiconductor MIC5236-2.5BM Datasheet HTML 6Page - Micrel Semiconductor MIC5236-2.5BM Datasheet HTML 7Page - Micrel Semiconductor MIC5236-2.5BM Datasheet HTML 8Page - Micrel Semiconductor MIC5236-2.5BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC5236
Micrel, Inc.
MIC5236
2
July 2005
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
1
/ERR
Error (Output): Open-collector output is active low when the output is out
of regulation due to insufficient input voltage or excessive load. An external
pull-up resistor is required.
1
ADJ
Adjustable Feedback Input. Connect to voltage divider network.
2
2
IN
Power supply input.
3
3
OUT
Regulated Output
4
4
EN
Enable (Input): Logic low = shutdown; logic high = enabled.
5–8
5–8
GND
Ground: Pins 5, 6, 7, and 8 are internally connected in common via the lead-
frame.
Pin Configuration
1
IN
OUT
EN
8 GND
GND
GND
GND
7
6
5
2
3
4
ERR
8-Pin SOIC (M)
8-Pin MSOP (MM)
1
IN
OUT
EN
8 GND
GND
GND
GND
7
6
5
2
3
4
ADJ
8-Pin SOIC (M)
8-Pin MSOP (MM)
Ordering Information
Part Number*
Voltage
Junction Temp. Range
Package
Standard
Pb-Free
MIC5236BM
MIC5236YM
ADJ
-40°C to +125°C
8-Pin SOIC
MIC5236BMM
MIC5236YMM
ADJ
-40°C to +125°C
8-Pin MSOP
MIC5236-2.5BM
MIC5236-2.5YM
2.5V
-40°C to +125°C
8-Pin SOIC
MIC5236-2.5BMM
MIC5236-2.5YMM
2.5V
-40°C to +125°C
8-Pin MSOP
MIC5236-3.0BM
MIC5236-3.0YM
3.0V
-40°C to +125°C
8-Pin SOIC
MIC5236-3.0BMM
MIC5236-3.0YMM
3.0V
-40°C to +125°C
8-Pin MSOP
MIC5236-3.3BM
MIC5236-3.3YM
3.3V
-40°C to +125°C
8-Pin SOIC
MIC5236-3.3BMM
MIC5236-3.3YMM
3.3V
-40°C to +125°C
8-Pin MSOP
MIC5236-5.0BM
MIC5236-5.0YM
5.0V
-40°C to +125°C
8-Pin SOIC
MIC5236-5.0BMM
MIC5236-5.0YMM
5.0V
-40°C to +125°C
8-Pin MSOP
* Contact factory regarding availability for voltages not listed


Similar Part No. - MIC5236-2.5BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5236-2.5BM MICREL-MIC5236-2.5BM Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5236-2.5BMM MICREL-MIC5236-2.5BMM Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
More results

Similar Description - MIC5236-2.5BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5232 MICREL-MIC5232_08 Datasheet
365Kb / 10P
   10mA Ultra-Low Quiescent Current 關Cap LDO
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Micrel Semiconductor
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com