Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5203-2.6YM4 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5203-2.6YM4
Description  關Cap 80mA Low-Dropout Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5203-2.6YM4 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5203-2.6YM4 Datasheet HTML 2Page - Micrel Semiconductor MIC5203-2.6YM4 Datasheet HTML 3Page - Micrel Semiconductor MIC5203-2.6YM4 Datasheet HTML 4Page - Micrel Semiconductor MIC5203-2.6YM4 Datasheet HTML 5Page - Micrel Semiconductor MIC5203-2.6YM4 Datasheet HTML 6Page - Micrel Semiconductor MIC5203-2.6YM4 Datasheet HTML 7Page - Micrel Semiconductor MIC5203-2.6YM4 Datasheet HTML 8Page - Micrel Semiconductor MIC5203-2.6YM4 Datasheet HTML 9Page - Micrel Semiconductor MIC5203-2.6YM4 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
MIC5203
November 2009
7
M9999-111909
Typical Characteristics (continued)
-50
0
50
100
-5
0
5
10
15
20
TIME (ms)
-200
-100
0
100
Load Transient
C
OUT = 10∝F
V
IN = VOUT + 1
-2
-1
0
1
2
3
2
4
6
8
-0.2 0.0 0.2 0.4 0.6 0.8 1.0
TIME (ms)
Line Transient
C
L = 1∝F
I
L = 1mA
-1
0
1
2
2
4
6
8
-0.2 0.0 0.2 0.4 0.6 0.8 1.0
TIME (ms)
Line Transient
C
L = 11∝F
I
L = 1mA
0
20
40
60
80
100
FREQUENCY (Hz)
Ripple Voltage
vs. Frequency
I
L = 1mA
C
L = 1∝F
V
IN = VOUT + 1
0
20
40
60
80
100
FREQUENCY (Hz)
Ripple Voltage
vs. Frequency
I
L = 50mA
C
L = 1∝F
V
IN = VOUT + 1
0
20
40
60
80
100
FREQUENCY (Hz)
Ripple Voltage
vs. Frequency
I
L = 100∝A
C
L = 1∝F
V
IN = VOUT + 1
-400
-200
0
200
-50
0
50
100
-1 01 2 3 4 5
6 7 8
TIME (ms)
Load Transient
C
OUT = 1∝F
V
IN = VOUT + 1
0.01
0.1
1
10
100
1000
FREQUENCY (Hz)
Output Impedance
I
L = 100∝A
I
L = 1mA
I
L = 100mA
-1
0
1
2
3
4
5
-2
0
2
4
-0.2 0.0 0.2 0.4 0.6 0.8 1.0
TIME (ms)
Enable Characteristics
(3.3V Version)
C
L = 1∝F
I
L = 100∝A
-1.0
0.0
1.0
2.0
3.0
4.0
-2
0
2
4
-2
02
4
6
8
10
TIME (
∝s)
Enable Characteristics
(3.3V Version)
C
L = 1∝F
I
L = 100∝A
0.50
0.75
1.00
1.25
1.50
-60 -30 0
30 60 90 120 150
TEMPERATURE (
°C)
Enable Voltage
vs. Temperature
C
IN = 10∝F
C
OUT = 1∝F
I
L = 1mA
V
ON
V
OFF
0
10
20
30
40
-60 -30 0
306090 120 150
TEMPERATURE (
°C)
Enable Current
vs. Temperature
C
IN = 10∝F
C
OUT = 1∝F
I
L = 1mA
V
EN = 5V
V
EN = 2V


Similar Part No. - MIC5203-2.6YM4

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5203-2.8BM5 MICREL-MIC5203-2.8BM5 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
logo
Microchip Technology
MIC5203-2.8YM4-TR MICROCHIP-MIC5203-2.8YM4-TR Datasheet
1Mb / 20P
   關Cap 80 mA LDO Regulator
09/14/21
More results

Similar Description - MIC5203-2.6YM4

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
MIC5211 MICREL-MIC5211_05 Datasheet
1Mb / 9P
   Dual 關Cap 80mA LDO Regulator
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
   關Cap Negative Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC5270 MICREL-MIC5270_05 Datasheet
534Kb / 8P
   關Cap Negative Low-Dropout Regulator
MIC5271 MICREL-MIC5271 Datasheet
123Kb / 10P
   關Cap Negative Low-Dropout Regulator
logo
Semtech Corporation
SC5203 SEMTECH-SC5203 Datasheet
115Kb / 4P
   80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com