Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5237-2.5BU Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5237-2.5BU
Description  500mA Low-Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5237-2.5BU Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5237-2.5BU Datasheet HTML 1Page - Micrel Semiconductor MIC5237-2.5BU Datasheet HTML 2Page - Micrel Semiconductor MIC5237-2.5BU Datasheet HTML 3Page - Micrel Semiconductor MIC5237-2.5BU Datasheet HTML 4Page - Micrel Semiconductor MIC5237-2.5BU Datasheet HTML 5Page - Micrel Semiconductor MIC5237-2.5BU Datasheet HTML 6Page - Micrel Semiconductor MIC5237-2.5BU Datasheet HTML 7Page - Micrel Semiconductor MIC5237-2.5BU Datasheet HTML 8Page - Micrel Semiconductor MIC5237-2.5BU Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Micrel, Inc.
MIC5237
September 2007
3
M9999-090607-C
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)..........................................–20 to +20V
Power Dissipation (PD)..............................Internally Limited
Lead Temperature (soldering, 5 sec.)........................ 260°C
Operating Ratings
Supply Voltage (VIN)...................................... +2.5V to +16V
Junction Temperature (TJ) ........................–40°C to +125°C
Package Thermal Resistance
TO-220 (
θJA).......................................................55°C/W
TO-220 (
θJC) ........................................................3°C/W
TO-263 (
θJC) ........................................................3°C/W
Electrical Characteristics
VIN = VOUT + 1.0V; COUT = 4.7µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C< TJ < +125°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOUT
Output Voltage Accuracy
variation from nominal VOUT
–3
–5
3
5
%
%
∆VOUT/∆T
Output Voltage
Temperature Coefficient
Note 2
40
ppm/°C
∆VOUT/VOUT
Line Regulation
VIN = VOUT + 1V to 16V
0.015
0.05
0.1
%/V
%/V
∆VOUT/VOUT
Load Regulation
IOUT = 100µA to 500mA, Note 3
0.05
0.5
0.7
%
%
IOUT = 100µA
10
70
90
mV
mV
IOUT = 50mA
115
190
280
mV
mV
IOUT = 150mA
165
350
450
mV
mV
VIN – VOUT
Dropout Voltage, Note 4
IOUT = 500mA
300
600
700
mV
mV
IOUT = 100µA
80
130
170
µA
µA
IOUT = 50mA
350
650
900
µA
µA
IOUT = 150mA
1.8
2.5
3.0
mA
mA
IGND
Ground Pin Current, Note 5
IOUT = 500mA
8
15
20
mA
mA
PSRR
Ripple Rejection
f = 120Hz
75
dB
ILIMIT
Current Limit
VOUT = 0V
700
900
1000
mA
mA
∆VOUT/∆PD
Thermal Regulation
Note 6
0.05
%/W
eno
Output Noise
VOUT = 5.0V, IOUT = 50Ma, COUT = 2.2µF
500
nV/√Hz


Similar Part No. - MIC5237-2.5BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5237-2.5BU MICREL-MIC5237-2.5BU Datasheet
41Kb / 8P
   500mA Low-Dropout Regulator Preliminary Information
More results

Similar Description - MIC5237-2.5BU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG103-25 TI1-REG103-25 Datasheet
937Kb / 26P
[Old version datasheet]   500mA Low-Dropout Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com