Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5219-2.8BM5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5219-2.8BM5
Description  500mA-Peak Output LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5219-2.8BM5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5219-2.8BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5219-2.8BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5219-2.8BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5219-2.8BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5219-2.8BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5219-2.8BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5219-2.8BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5219-2.8BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5219-2.8BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
June 2009
1
M0371-061809
Micrel, Inc.
MIC5219
Typical Applications
MIC5219
500mA-Peak Output LDO Regulator
General Description
The MIC5219 is an efficient linear voltage regulator with high
peak output current capability, very-low-dropout voltage, and
better than 1% output voltage accuracy. Dropout is typically
10mV at light loads and less than 500mV at full load.
The MIC5219 is designed to provide a peak output current for
start-up conditions where higher inrush current is demanded.
It features a 500mA peak output rating. Continuous output
current is limited only by package and layout.
The MIC5219 can be enabled or shut down by a CMOS or
TTL compatible signal. When disabled, power consumption
drops nearly to zero. Dropout ground current is minimized to
help prolong battery life. Other key features include reversed-
batteryprotection,currentlimiting,overtemperatureshutdown,
and low noise performance with an ultra-low-noise option.
The MIC5219 is available in adjustable or fixed output volt-
ages in the space-saving 6-pin (2mm × 2mm) MLF®, 6-pin
(2mm × 2mm) Thin MLF® SOT-23-5 and MM8® 8-pin power
MSOP packages. For higher power requirements see the
MIC5209 or MIC5237.
All support documentation can be found on Micrel’s web site
at www.micrel.com.
Features
• 500mA output current capability
SOT-23-5 package - 500mA peak
2mm×2mm MLF® package - 500mA continuous
2mm×2mm Thin MLF® package - 500mA
continuous
MSOP-8 package - 500mA continuous
• Low 500mV maximum dropout voltage at full load
• Extremely tight load and line regulation
• Tiny SOT-23-5 and MM8™ power MSOP-8 package
• Ultra-low-noise output
• Low temperature coefficient
• Current and thermal limiting
• Reversed-battery protection
• CMOS/TTL-compatible enable/shutdown control
• Near-zero shutdown current
Applications
• Laptop, notebook, and palmtop computers
• Cellular telephones and battery-powered equipment
• Consumer and personal electronics
• PC Card VCC and VPP regulation and switching
• SMPS post-regulator/DC-to-DC modules
• High-efficiency linear power supplies
1
2
3
4
8
7
6
5
MIC5219-5.0BMM
2.2µF
tantalum
VOUT5V
VIN6V
ENABLE
SHUTDOWN
470pF
5V Ultra-Low-Noise Regulator
1
5
2
3
4
2.2µF
tantalum
470pF
VOUT3.3V
MIC5219-3.3BM5
VIN4V
ENABLE
SHUTDOWN
3.3V Ultra-Low-Noise Regulator
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MM8 is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc..
ENABLE
SHUTDOWN
MIC5219-x.xYML
1
EN
6
CBYP
(optional)
VIN
VOUT
COUT
5
4
2
3
Ultra-Low-Noise Regulator (Fixed)
ENABLE
SHUTDOWN
MIC5219YMT
1
EN
6
470pF
VIN
VOUT
2.2µF
5
4
2
3
R1
R2
+
Ultra-Low-Noise Regulator (Adjustable)


Similar Part No. - MIC5219-2.8BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219-2.8BM5 MICREL-MIC5219-2.8BM5 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219-2.8BM5 MICREL-MIC5219-2.8BM5 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
More results

Similar Description - MIC5219-2.8BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216_07 Datasheet
294Kb / 13P
   500mA-Peak Output LDO Regulator
MIC5216 MICREL-MIC5216 Datasheet
66Kb / 12P
   500mA-Peak Output LDO Regulator Preliminary Information
logo
Richtek Technology Corp...
RT9017 RICHTEK-RT9017 Datasheet
307Kb / 12P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
   500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com