Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5232-1.2YML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5232-1.2YML
Description  10mA Ultra-Low Quiescent Current 關Cap LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5232-1.2YML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5232-1.2YML Datasheet HTML 2Page - Micrel Semiconductor MIC5232-1.2YML Datasheet HTML 3Page - Micrel Semiconductor MIC5232-1.2YML Datasheet HTML 4Page - Micrel Semiconductor MIC5232-1.2YML Datasheet HTML 5Page - Micrel Semiconductor MIC5232-1.2YML Datasheet HTML 6Page - Micrel Semiconductor MIC5232-1.2YML Datasheet HTML 7Page - Micrel Semiconductor MIC5232-1.2YML Datasheet HTML 8Page - Micrel Semiconductor MIC5232-1.2YML Datasheet HTML 9Page - Micrel Semiconductor MIC5232-1.2YML Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
MIC5232
September 2008
7
M9999-090508-
Functional Characteristics
Enable Turn-On Transient
Time (200µs/div)
COUT = 0.47µF
IOUT = 100mA
VOUT = 1.2V
0V
0V
Load Transient Response
Time (100µs/div)
10mA
100µA
COUT = 0.47µF
VOUT = 3.3V
VIN = VOUT + 1V
Line Transient Response
Time (200µs/div)
6V
4V
COUT = 0.47µF
IOUT = 1mA
VOUT = 3.3V
0V
0V
C


Similar Part No. - MIC5232-1.2YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5232-1.2YML MICREL-MIC5232-1.2YML Datasheet
310Kb / 10P
   10mA Ultra-Low Quiescent Current uCap LDO
MIC5232-1.2YML MICREL-MIC5232-1.2YML Datasheet
265Kb / 10P
   10mA Ultra-Low Quiescent Current
More results

Similar Description - MIC5232-1.2YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5232 MICREL-MIC5232 Datasheet
310Kb / 10P
   10mA Ultra-Low Quiescent Current uCap LDO
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5232 MICREL-MIC5232_12 Datasheet
265Kb / 10P
   10mA Ultra-Low Quiescent Current
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com