Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5203-3.6BM5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5203-3.6BM5
Description  關Cap 80mA Low-Dropout Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5203-3.6BM5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5203-3.6BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5203-3.6BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5203-3.6BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5203-3.6BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5203-3.6BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5203-3.6BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5203-3.6BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5203-3.6BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5203-3.6BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
MIC5203
November 2009
4
M9999-111909
Absolute Maximum Ratings(1)
Supply Voltage (VIN)....................................... –20V to +20V
Enable Input Voltage (VEN)............................. –20V to +20V
Power Dissipation (PD)..............................Internally Limited
Storage Temperature (Ts).........................–60°C to +150°C
Lead Temperature (soldering, #sec.)......................... 260°C
Operating Ratings(2)
Input Voltage (VIN)............................................. 2.5V to 16V
Enable Input Voltage (VEN)..................................... 0V to VIN
Junction Temperature Range ................... –40°C to +125°C
Thermal Resistance (
θJA) ...........................................Note 3
Electrical Characteristics
VIN = VOUT + 1V; IL = 1mA; CL = 0.47μF; VEN ≥ 2.0V; TJ = 25°C, bold values indicate –40°C≤ TJ ≤ +125°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
–3
3
VO
Output voltage accuracy
–4
4
%
∆VO/∆T
Output voltage temperature
coefficient
Note 4
50
200
pm/°C
0.008
0.3
∆VO/VO
Line regulation
VIN = VOUT + 1V to 16V
0.5
%
0.08
0.3
∆VO/VO
Load regulation
IL = 0.1mA to 80mA
(5)
0.5
%
IL = 100 μA
20
IL = 20mA
200
350
IL = 50mA
250
∆VO – VO
Dropout voltage
(6)
IL = 80mA
300
600
mV
IQ
Quiescent current
VEN ≤ 0.4V (shutdown)
0.01
10
μA
IL = 100 μA, VEN ≥ 2.0V (active)
180
IL = 20mA, VEN ≥ 2.0V (active)
225
750
IL = 50mA, VEN ≥ 2.0V (active)
850
IGND
Ground pin current
(7)
IL = 80mA, VEN ≥ 2.0V (active)
1800
3000
μA
IGNDDO
Ground pin current at dropout
VIN = VOUT(nominal) – 0.5V
(7)
200
300
μA
ILIMIT
Current limit
VOUT = 0V
180
250
mA
∆VO/∆PD
Thermal regulation
Note 8
0.05
%/W


Similar Part No. - MIC5203-3.6BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5203-3.6BM5 MICREL-MIC5203-3.6BM5 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC5203-3.6BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
MIC5211 MICREL-MIC5211_05 Datasheet
1Mb / 9P
   Dual 關Cap 80mA LDO Regulator
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
   關Cap Negative Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC5270 MICREL-MIC5270_05 Datasheet
534Kb / 8P
   關Cap Negative Low-Dropout Regulator
MIC5271 MICREL-MIC5271 Datasheet
123Kb / 10P
   關Cap Negative Low-Dropout Regulator
logo
Semtech Corporation
SC5203 SEMTECH-SC5203 Datasheet
115Kb / 4P
   80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com