Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5231 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5231
Description  Micropower 關Cap LDO Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5231 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC5231_08 Datasheet HTML 1Page - Micrel Semiconductor MIC5231_08 Datasheet HTML 2Page - Micrel Semiconductor MIC5231_08 Datasheet HTML 3Page - Micrel Semiconductor MIC5231_08 Datasheet HTML 4Page - Micrel Semiconductor MIC5231_08 Datasheet HTML 5Page - Micrel Semiconductor MIC5231_08 Datasheet HTML 6Page - Micrel Semiconductor MIC5231_08 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Micrel, Inc.
MIC5231
November 2008
6
M9999-110408-B
Application Information
Input Capacitor
A 0.1µF (or larger) capacitor should be placed from the
IN (supply input) to GND (ground) if there is more than
20cm of wire between IN and the ac filter capacitor or if
supplied from a battery.
Output Capacitors
The MIC5231 does not require an output capacitor for
stability. A 1µF or larger capacitor is recommended
between OUT (output) and GND to improve the
regulator’s transient response. A 0.1µF capacitor can be
used to reduce overshoot recovery time at the expense
of overshoot amplitude. The ESR (effective series
resistance) of this capacitor has no effect on regulator
stability, but low-ESR capacitors improve high frequency
transient response. The value of this capacitor may be
increased without limit, but values larger than 10µF tend
to increase the settling time after a step change in input
voltage or output current.
The MIC5231 has no minimum load current; it will
remain stable and in regulation with no load (other than
the internal voltage divider). This is especially important
in
real-time
clock
and
CMOS
RAM
keep-alive
applications.
Minimum Load Current
The MIC5231 does not require a minimum load for
proper operation. This allows the device to operate in
applications where very light output currents are required
for keep-alive purposes. This is important for powering
SRAM or Flash memory in low-power modes for
handheld devices.
Safe Operating Conditions
The MIC5231 does not incorporate current limit or
thermal shutdown in the design. The output pass
element is approximately 15Ω, therefore, when a short
occurs from the output to ground, the current is self-
limited. The pass element has a positive temperature
coefficient, such that when the device gets hot, the
output impedance goes up, limiting the current even
further. The maximum junction temperature for the
device is +125°C, and it is important that this is not
exceeded for any length of time.
Thermal Considerations
The MIC5231 is not intended for sourcing currents that
would cause a large power loss in the device, but since it
is not current limited, it is possible to source more than
the rated 10mA. At this point, it is important to ensure
that the die temperature does not exceed +125°C.
Power dissipation in the regulator is calculated as
follows:
(
)
GND
IN
OUT
OUT
IN
D
I
V
I
V
V
P
+
=
The MIC5231 consumes only 0.65µA over load and
does not need to consider that contribution in the power
dissipation equation, therefore the equation is simplified.
(
)
OUT
OUT
IN
D
I
V
V
P
=
The MIC5231, in the IttyBitty SOT-23-5 package, has a
thermal resistance, junction-to-ambient, of 235°C/W.
Using this number, the power dissipation capability of
that package, without exceeding a +125°C junction
temperature rating, can easily be calculated.
JA
A
J(MAX)
D(MAX)
θ
T
T
P
=
C/W
235
T
C
125
P
A
D(MAX)
°
°
=
If the device is being operated at +85°C, the maximum
power dissipation allowed can easily be determined.
C/W
235
C
85
C
125
PD(MAX)
°
°
°
=
170mW
PD(MAX) =
Therefore, the device can only dissipate 170mW
maximum. If the MIC5231 is powered off of a 12V
source and the output voltage is 3.3V, the maximum
output current can be calculated.
(
)
OUT
OUT
IN
D(MAX)
I
V
V
P
=
(
)
OUT
I
3.3V
12V
170mW
=
8.7V
170mW
IOUT =
19.5mA
IOUT =
Therefore, the device can source almost 20mA at an
ambient of +85°C before the die temperature exceeds
+125°C.


Similar Part No. - MIC5231_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5231-2.75BM5 MICREL-MIC5231-2.75BM5 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5231-3.0BM5 MICREL-MIC5231-3.0BM5 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5231-3.3BM5 MICREL-MIC5231-3.3BM5 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5231-5.0BM5 MICREL-MIC5231-5.0BM5 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
More results

Similar Description - MIC5231_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5231 MICREL-MIC5231 Datasheet
71Kb / 8P
   Micropower 關Cap LDO Regulator Preliminary Information
MIC5306 MICREL-MIC5306_06 Datasheet
274Kb / 8P
   150mA Micropower 關Cap Baseband LDO
MIC5307 MICREL-MIC5307_07 Datasheet
206Kb / 9P
   300mA Micropower 關Cap Baseband LDO
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5211 MICREL-MIC5211_05 Datasheet
1Mb / 9P
   Dual 關Cap 80mA LDO Regulator
logo
Microchip Technology
MIC5203 MICROCHIP-MIC5203 Datasheet
1Mb / 20P
   關Cap 80 mA LDO Regulator
09/14/21
logo
Micrel Semiconductor
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com