Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5206-3.8BM5 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5206-3.8BM5
Description  150mA Low-Noise LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5206-3.8BM5 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5206-3.8BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5206-3.8BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5206-3.8BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5206-3.8BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5206-3.8BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5206-3.8BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5206-3.8BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5206-3.8BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5206-3.8BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Micrel, Inc.
MIC5206
May 2006
5
M9999-051506
(408) 955-1690
Symbol
Parameter
Condition
Min
Typ
Max
Units
Error Flag Output
VERR
Flag Threshold
Undervoltage condition (below nominal)
Note 9
–2
–6
–10
%
VOL
Output Logic-Low Voltage
IL = 1mA, undervoltage condition
0.2
0.4
V
IFL
Flag Leakage Current
Flag off, VFLAG = 0V to 16V
–1
0.1
+1
µA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation at any TA (ambient temperature) is PD(max) = (TJ(max) –TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. The θJA of theMIC5205-x.xBM5 (all versions) is
220°C/W, and the MIC5206-x.xBMM (all versions) is 200°C/W, mounted on a PC board (see “Thermal Considerations” for further details).
4. Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
5. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load range
from 0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
6. Dropout Voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1Vdifferential.
7. Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply is the sum of the load
current plus the ground pin current.
8. Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 150mA load pulse at VIN = 16V for t = 10ms.
9. The error flag comparator includes 3% hysteresis.


Similar Part No. - MIC5206-3.8BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5206-3.8BM5 MICREL-MIC5206-3.8BM5 Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
More results

Similar Description - MIC5206-3.8BM5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com