Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5200-4.8YM Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5200-4.8YM
Description  100mA Low-Dropout Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5200-4.8YM Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5200-4.8YM Datasheet HTML 2Page - Micrel Semiconductor MIC5200-4.8YM Datasheet HTML 3Page - Micrel Semiconductor MIC5200-4.8YM Datasheet HTML 4Page - Micrel Semiconductor MIC5200-4.8YM Datasheet HTML 5Page - Micrel Semiconductor MIC5200-4.8YM Datasheet HTML 6Page - Micrel Semiconductor MIC5200-4.8YM Datasheet HTML 7Page - Micrel Semiconductor MIC5200-4.8YM Datasheet HTML 8Page - Micrel Semiconductor MIC5200-4.8YM Datasheet HTML 9Page - Micrel Semiconductor MIC5200-4.8YM Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MIC5200
Micrel, Inc.
April 2005
8
M9999-040805
Thermal Considerations
Applications Information
External Capacitors
A1µFcapacitorisrecommendedbetweentheMIC5200output
and ground to prevent oscillations due to instability. Larger
values serve to improve the regulator’s transient response.
Most types of tantalum or aluminum electrolytics will be ad-
equate; film types will work, but are costly and therefore not
recommended.Manyaluminumelectrolyticshaveelectrolytes
that freeze at about –30°C, so solid tantalum capacitors are
recommended for operation below –25°C. The important pa-
rameters of the capacitor are an effective series resistance
of about 5Ω or less and a resonant frequency above 500kHz.
The value of this capacitor may be increased without limit.
At lower values of output current, less output capacitance is
required for output stability. The capacitor can be reduced to
0.47µF for current below 10mA or 0.33µF for currents below
1 mA. A 1µF capacitor should be placed from the MIC5200
input to ground if there is more than 10 inches of wire between
the input and the AC filter capacitor or if a battery is used as
the input.
The MIC5200 will remain stable and in regulation with no load
in addition to the internal voltage divider, unlike many other
voltage regulators. This is especially important in CMOS RAM
keep-alive applications.
When used in dual supply systems where the regulator load
is returned to a negative supply, the output voltage must be
diode clamped to ground.
ENABLE Input
The MIC5200 features nearly zero OFF mode current. When
the ENABLE input is held below 0.7V, all internal circuitry is
powered off. Pulling this pin high (over 2.0V) re-enables the
device and allows operation.The ENABLE pin requires a small
amount of current, typically 15µA. While the logic threshold is
TTL/CMOS compatible, ENABLE may be pulled as high as
30V, independent of the voltage on V
IN.
PC Board
θ
JA
Dielectric
FR4
160°C/W
Ceramic
120°C/W
Multi-layer boards having a ground plane, wide traces near
the pads, and large supply bus lines provide better thermal
conductivity.
The “worst case” value of 160°C/W assumes no ground plane,
minimum trace widths, and a FR4 material board.
Part II. Nominal Power Dissipation and Die Temperature
The MIC5200-xxBM at a 25°C ambient temperature will oper-
ate reliably at up to 625mW power dissipation when mounted
in the “worst case” manner described above. At an ambient
temperature of 55°C, the device may safely dissipate 440mW.
These power levels are equivalent to a die temperature of
125°C, the recommended maximum temperature for non-
military grade silicon integrated circuits.
For MIC5200-xxBS (SOT-223 package) heat sink character-
istics, please refer to Micrel Application Hint 17, “Calculating
P.C. Board Heat Sink Area for Surface Mount Packages”.
Part I. Layout
The MIC5200-xxBM (8-pin surface mount package) has the
following thermal characteristics when mounted on a single
layer copper-clad printed circuit board.
245 mil
150 mil
50 mil
50 mil
30 mil
Minimum recommended board pad size, SO-8.


Similar Part No. - MIC5200-4.8YM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5200-4.8YM-TR MICROCHIP-MIC5200-4.8YM-TR Datasheet
320Kb / 24P
   100 mA Low-Dropout Regulator
06/23/16
More results

Similar Description - MIC5200-4.8YM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG101-25 TI1-REG101-25 Datasheet
797Kb / 23P
[Old version datasheet]   100mA Low-Dropout Regulator
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG101 TI-REG101_05 Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202_06 Datasheet
135Kb / 7P
   Dual 100mA Low-Dropout Regulator
MIC5202 MICREL-MIC5202_13 Datasheet
1Mb / 10P
   Dual, 100mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com