Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5213 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5213
Description  Teeny SC-70 關Cap Low-Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5213 Datasheet(HTML) 8 Page - Micrel Semiconductor

  MIC5213_04 Datasheet HTML 1Page - Micrel Semiconductor MIC5213_04 Datasheet HTML 2Page - Micrel Semiconductor MIC5213_04 Datasheet HTML 3Page - Micrel Semiconductor MIC5213_04 Datasheet HTML 4Page - Micrel Semiconductor MIC5213_04 Datasheet HTML 5Page - Micrel Semiconductor MIC5213_04 Datasheet HTML 6Page - Micrel Semiconductor MIC5213_04 Datasheet HTML 7Page - Micrel Semiconductor MIC5213_04 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MIC5213
8
August 2004
MIC5213
Micrel
Package Information
0.30 (0.012)
0.10 (0.004)
2.20 (0.087)
1.80 (0.071)
2.40 (0.094)
1.80 (0.071)
1.35 (0.053)
1.15 (0.045)
0.65 (0.0256) BSC
1.00 (0.039)
0.80 (0.032)
0.10 (0.004)
0.00 (0.000)
DIMENSIONS:
MM (INCH)
0.30 (0.012)
0.15 (0.006)
0.18 (0.007)
0.10 (0.004)
1.10 (0.043)
0.80 (0.032)
SC-70-5 (C5)
MICREL, INC.
1849 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or
other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel, Inc.
© 2004 Micrel, Incorporated


Similar Part No. - MIC5213_04

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5213-2.5BC5 MICREL-MIC5213-2.5BC5 Datasheet
69Kb / 8P
   Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
MIC5213-2.8BC5 MICREL-MIC5213-2.8BC5 Datasheet
69Kb / 8P
   Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
MIC5213-3.0BC5 MICREL-MIC5213-3.0BC5 Datasheet
69Kb / 8P
   Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
MIC5213-3.3BC5 MICREL-MIC5213-3.3BC5 Datasheet
69Kb / 8P
   Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
MIC5213-3.6BC5 MICREL-MIC5213-3.6BC5 Datasheet
69Kb / 8P
   Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
More results

Similar Description - MIC5213_04

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5213 MICREL-MIC5213 Datasheet
69Kb / 8P
   Teeny??SC-70 關Cap Low-Dropout Regulator Advance Information
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
   關Cap Negative Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC5270 MICREL-MIC5270_05 Datasheet
534Kb / 8P
   關Cap Negative Low-Dropout Regulator
MIC5271 MICREL-MIC5271 Datasheet
123Kb / 10P
   關Cap Negative Low-Dropout Regulator
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
   關Cap 80mA Low-Dropout Regulator
MIC5253 MICREL-MIC5253_04 Datasheet
178Kb / 9P
   100mA Low Noise 關Cap Teeny??LDO
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com