Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5206-3.2BM5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5206-3.2BM5
Description  150mA Low-Noise LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5206-3.2BM5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5206-3.2BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5206-3.2BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5206-3.2BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5206-3.2BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5206-3.2BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5206-3.2BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5206-3.2BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5206-3.2BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5206-3.2BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC5206
150mA Low-Noise LDO Regulator
Micrel Mini 8 is a trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 2006
M9999-051506
(408) 955-1690
General Description
The MIC5206 is an efficient linear voltage regulator with
very low dropout voltage (typically 17mV at light loads and
165mV at 150mA), and very low ground current (600µA at
100mA output), with better than 1% initial accuracy. It has
a logic compatible enable/shutdown control input and an
internal undervoltage monitor.
Designed especially for hand-held, battery-powered
devices, the MIC5206 can be switched by a CMOS or TTL
compatible
logic
signal.
When
disabled,
power
consumption drops nearly to zero. Dropout ground current
is minimized to prolong battery life.
Key features include an undervoltage monitor with an error
flag output, a reference bypass pin to improve its already
low-noise performance (8-pin versions only), reversed-
battery protection, current limiting, and overtemperature
shutdown.
The MIC5206 is available in several fixed voltages in a tiny
SOT-23-5 package. It features a pinout, similar to the
LP2980, but has significantly better performance. Fixed
and adjustable output voltage versions, featuring the
reference bypass option, are available in the 8-pin Micrel
Mini 8™ 8-pin MSOP (micro small-outline package).
For low-dropout regulators that are stable with ceramic
output capacitors, see the µCap MIC5245/6/7 family.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Error flag indicates undervoltage fault
• High output voltage accuracy
• Guaranteed 150mA output
• Ultra-low-noise output (8-pin versions)
• Low quiescent current
• Low dropout voltage
• Extremely tight load and line regulation
• Very low temperature coefficient
• Current and thermal limiting
• Reversed-battery protection
• “Zero” off-mode current
• Logic-controlled electronic enable
Applications
• Cellular telephones
• Laptop, notebook, and palmtop computers
• Battery-powered equipment
• PCMCIA VCC and VPP regulation/switching
• Consumer/personal electronics
• SMPS post-regulator/dc-to-dc modules
• High-efficiency linear power supplies
Typical Application
SOT-23-5 Fixed Voltage Application
Adjustable Voltage Application


Similar Part No. - MIC5206-3.2BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5206-3.2BM5 MICREL-MIC5206-3.2BM5 Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
More results

Similar Description - MIC5206-3.2BM5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com