Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR16CS-16LB-A1B00 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR16CS-16LB-A1B00
Description  Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR16CS-16LB-A1B00 Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR16CS-16LB-A1B00 Datasheet HTML 1Page - Renesas Technology Corp BCR16CS-16LB-A1B00 Datasheet HTML 2Page - Renesas Technology Corp BCR16CS-16LB-A1B00 Datasheet HTML 3Page - Renesas Technology Corp BCR16CS-16LB-A1B00 Datasheet HTML 4Page - Renesas Technology Corp BCR16CS-16LB-A1B00 Datasheet HTML 5Page - Renesas Technology Corp BCR16CS-16LB-A1B00 Datasheet HTML 6Page - Renesas Technology Corp BCR16CS-16LB-A1B00 Datasheet HTML 7Page - Renesas Technology Corp BCR16CS-16LB-A1B00 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BCR16CS-16LB
Preliminary
R07DS0226EJ0100 Rev.1.00
Page 4 of 7
Dec 14, 2010
RMS On-State Current (A)
Maximum On-State Power Dissipation
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
40
30
15
10
5
35
25
20
0
20
0
24
8
6
1012141618
40
12
10
8
160
120
100
60
20
0
20
0
80
140
2
4
614 16 18
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140 160
4
4
–40
0
40
80
120
101
140160
40
–40
–60
–20 0 20
60 80 100 120
105
7
5
3
2
104
7
5
3
2
103
7
5
3
2
5
3
2
102
40
12
10
8
160
120
100
60
20
0
20
0
80
140
2
4
614 16 18
160
120
100
60
20
0
4.0
2.0
0
1.0 1.5
2.5 3.0 3.5
40
80
140
0.5
360° Conduction
Resistive,
inductive loads
Curves apply regardless
of conduction angle
360° Conduction
Resistive,
inductive loads
All fins are black painted
aluminum and greased
120
× 120 × t2.3
100
× 100 × t2.3
60
× 60 × t2.3
Curves apply
regardless of
conduction angle
Resistive, inductive loads
Natural convection
Typical Example
Typical Example
Natural convection
No fins
Curves apply regardless
of conduction angle
Resistive, inductive loads


Similar Part No. - BCR16CS-16LB-A1B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16CS-16LB RENESAS-BCR16CS-16LB_15 Datasheet
108Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR16CS-16LB-A1B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com