Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5200-3.0BM Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5200-3.0BM
Description  100mA Low-Dropout Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5200-3.0BM Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5200-3.0BM Datasheet HTML 2Page - Micrel Semiconductor MIC5200-3.0BM Datasheet HTML 3Page - Micrel Semiconductor MIC5200-3.0BM Datasheet HTML 4Page - Micrel Semiconductor MIC5200-3.0BM Datasheet HTML 5Page - Micrel Semiconductor MIC5200-3.0BM Datasheet HTML 6Page - Micrel Semiconductor MIC5200-3.0BM Datasheet HTML 7Page - Micrel Semiconductor MIC5200-3.0BM Datasheet HTML 8Page - Micrel Semiconductor MIC5200-3.0BM Datasheet HTML 9Page - Micrel Semiconductor MIC5200-3.0BM Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MIC5200
Micrel, Inc.
April 2005
6
M9999-040805
0
50
100
150
200
250
300
1
2
3
4
5
6
7
INPUT VOLTAGE (V)
Short Circuit Current
vs. Input Voltage
CIN = 2.2µF
COUT = 4.7µF
VOUT = 3.3V
-30
-20
-10
0
10
20
0
100
200
300
-2
0
2
4
6
8
10
TIME (ms)
Load Transient
CL = 4.7µF
0
100
200
300
-10
0
10
20
30
40
TIME (ms)
Load Transient
-30
-20
-10
0
10
20
CL = 47µF
0
20
40
60
80
100
120
0 1 2 3 4 5 6 7 8 9 10
SUPPLY VOLTAGE (V)
Supply Current vs. Supply
Voltage (3.3V Version)
RL = 33Ω
-10
-5
0
5
10
2
4
6
8
-0.2
0
0.2
0.4
0.6
0.8
TIME (ms)
Line Transient
CL = 1 µF
IL = 1mA
-5
0
5
10
15
2
4
6
8
-0.1 0 0.1 0.2 0.3 0.4 0.5 0.6
TIME (ms)
Line Transient
CL = 10 µF
IL = 1mA
0
10
20
30
40
50
60
0
1
2
3
4
5
6
7
SUPPLY VOLTAGE (V)
Supply Current vs. Supply
Voltage (3.3V Version)
RL = 66Ω
-1
0
1
2
3
4
5
-2
0
2
4
-50 0
50 100 150 200 250 300
TIME(µs)
Enable Transient
(3.3V Version)
CL = 4.7 µF
IL = 100mA
0.001
0.01
0.1
1
10
100
1000
FREQUENCY (Hz)
Output Impedance
IL = 100µA
IL = 1mA
IL = 100mA
-5
0
5
10
15
20
25
30
35
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Enable Current Threshold
vs. Temperature
CIN = 2.2µF
COUT = 4.7µF
VEN= 2V
VEN= 5V
0.4
0.6
0.8
1
1.2
1.4
1.6
-60 -30 0
30 60 90 120 150
TEMPERATURE (°C)
Enable Voltage Threshold
vs. Temperature
CIN = 2.2µF
COUT = 4.7µF
OFF
ON
-1
0
1
2
3
4
5
-2
0
2
4
-50 0
50 100 150 200 250 300
TIME(µs)
Enable Transient
(3.3V Version)
CL = 4.7 µF
IL = 1mA


Similar Part No. - MIC5200-3.0BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5200-3.0BM MICREL-MIC5200-3.0BM Datasheet
87Kb / 6P
   100mA Low-Dropout Voltage Regulator Preliminary Information
More results

Similar Description - MIC5200-3.0BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG101-25 TI1-REG101-25 Datasheet
797Kb / 23P
[Old version datasheet]   100mA Low-Dropout Regulator
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG101 TI-REG101_05 Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202_06 Datasheet
135Kb / 7P
   Dual 100mA Low-Dropout Regulator
MIC5202 MICREL-MIC5202_13 Datasheet
1Mb / 10P
   Dual, 100mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com